Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • GMA-800-R

  • AI
    The **GMA-800-R** is a high-performance, industrial-grade GNSS (Global Navigation Satellite System) receiver module, typically utilized in precision timing, telecommunications, and high-accuracy positioning applications. Below is a detailed breakdown of its electronic characteristics and architecture. --- ### 1. Key Electronic Components & Architecture The GMA-800-R is built around a multi-constellation engine designed for reliability and synchronization. | Component | Description | | :--- | :--- | | **GNSS Engine** | Supports multi-constellation reception (GPS, GLONASS, Galileo, BeiDou, QZSS). | | **TCXO/OCXO** | High-stability Temperature Compensated Crystal Oscillator (or Oven Controlled in specific variants) for precise clock stability. | | **LNA (Low Noise Amplifier)** | Integrated high-gain LNA to enhance signal sensitivity in weak environments. | | **SAW Filter** | Integrated Surface Acoustic Wave filters to reject out-of-band interference (LTE/Cellular noise). | | **RTC Crystal** | Dedicated 32.768 kHz crystal for maintaining time during low-power standby modes. | --- ### 2. Technical Specifications The electrical performance is optimized for "Timing" (indicated by the "R" or "T" series nomenclature in some brands). | Feature | Specification (Typical) | | :--- | :--- | | **Operating Voltage** | 3.3V DC (Typical range 2.7V to 3.6V) | | **Communication Protocols** | UART (NMEA, UBX, RTCM), I2C, and sometimes SPI. | | **Sensitivity** | Tracking: -166 dBm / Cold Start: -148 dBm. | | **Time Pulse (PPS)** | Highly accurate 1PPS (Pulse Per Second) output, often < 30ns jitter. | | **Power Consumption** | ~25mA to 45mA depending on active constellations. | --- ### 3. Pinout & Connectivity The electronic interface usually follows a standard surface-mount (SMD) or header-based footprint. * **VCC/GND:** Primary power rails. * **TXD/RXD:** Main serial communication for NMEA data output and configuration. * **TIMEPULSE:** The critical output for synchronization (1PPS). * **RESET_N:** Active-low hardware reset pin. * **EXTINT:** External interrupt pin for time-stamping external events. * **RF_IN:** 50-ohm antenna input port (supports active or passive antennas). --- ### 4. Application Logic Code Example To interface with the GMA-800-R via an MCU (like an Arduino or ESP32), a basic UART parsing logic is used: ```cpp #include // Pins for GMA-800-R Connection const int RX_PIN = 10; const int TX_PIN = 11; SoftwareSerial gms800(RX_PIN, TX_PIN); void setup() { Serial.begin(9600); gms800.begin(9600); // Standard baud rate for GNSS modules Serial.println("GMA-800-R Initializing..."); } void loop() { if (gms800.available()) { // Read NMEA sentences from the module char c = gms800.read(); Serial.write(c); } } ``` ---
    ✨ Follow-up Questions
    • ⤷What is the timing accuracy (jitter) of the 1PPS signal on the GMA-800-R?
    • ⤷ Does this module support active antenna detection and short-circuit protection?
    • ⤷ What are the specific power-saving modes available for this electronic part?