Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • GMC-8-R

  • AI
    The **GMC-8-R** typically refers to a specific model of an **AC Magnetic Contactor** manufactured by LS Electric (formerly LG Industrial Systems). These components are fundamental in industrial automation and motor control. ### 1. Core Electronic & Mechanical Components A magnetic contactor functions as an electrically controlled switch. Its internal parts work together to manage high-current loads using a low-power control signal. | Component | Function | Description | | :--- | :--- | :--- | | **Electromagnetic Coil** | Actuator | When energized, it creates a magnetic field that pulls the contact carrier down. | | **Main Contacts** | Power Switching | Three pairs of high-conductivity metal points (R, S, T) that connect the power source to the motor. | | **Auxiliary Contacts** | Logic/Feedback | Low-current contacts used for signaling, interlocking, or indicator lights (usually 1NO or 1NC). | | **Return Spring** | De-energizing | Pushes the contacts back to the "Open" position once power to the coil is cut. | | **Arc Chute** | Protection | A chamber designed to extinguish the electric arc generated when contacts open under load. | --- ### 2. Technical Specifications The "8" in GMC-8 usually denotes the rated operational current, and "R" can signify specific mounting or terminal configurations. * **Rated Operational Current ($I_e$):** 8 Amperes (AC-3 duty). * **Rated Voltage ($U_e$):** Up to 690V AC. * **Coil Voltage Options:** Common voltages include 24V, 110V, 220V, or 440V AC (Must match your control circuit). * **Mounting:** 35mm DIN Rail or Screw mounting. --- ### 3. Wiring Configuration The terminals on a GMC-8-R are standardized for ease of installation: ```text Power Input (Line): L1, L2, L3 (Top Terminals) Power Output (Load): T1, T2, T3 (Bottom Terminals) Coil Terminals: A1, A2 (Control Voltage Input) Auxiliary Contact: NO (Normally Open) or NC (Normally Closed) ``` ### 4. Application Use-Case The GMC-8-R is primarily used for: 1. **Motor Control:** Starting and stopping small three-phase induction motors (approx. 3.7kW at 440V). 2. **Heating Elements:** Switching resistive loads in industrial ovens. 3. **Lighting Systems:** Controlling large banks of industrial high-bay lighting. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between AC-1 and AC-3 ratings for this contactor?
    • ⤷ How do I select the correct coil voltage for my GMC-8-R?
    • ⤷ Can an Overload Relay be attached directly to the GMC-8-R?