Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • GMD-200-R

  • AI
    The **GMD-200-R** is a specific model of a **Gas Monitoring Device** (often used for CO2 detection). It is widely utilized in industrial safety, HVAC systems, and greenhouse monitoring. Below is a breakdown of its primary electronic components and technical specifications. --- ## 1. Core Electronic Components The device operates using a combination of sensor technology and signal processing electronics. | Component | Description | | :--- | :--- | | **NDIR Sensor** | The "heart" of the device. It uses **Non-Dispersive Infrared** technology to measure gas concentration by detecting light absorption. | | **Microprocessor** | Processes the analog signal from the NDIR sensor and converts it into a digital value (PPM - Parts Per Million). | | **Relay Output (R)** | The "R" in the model name indicates a **Relay** version. This allows the device to act as a switch to trigger fans, alarms, or valves. | | **DIP Switches** | Internal switches used to configure the relay threshold levels (e.g., 800ppm vs 1000ppm). | | **Status LEDs** | Typically includes Green (Power/Safe), Yellow (Warning), and Red (Alarm/Relay Active). | --- ## 2. Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Power** | AC/DC 24V (Standard industrial/HVAC power) | | **Output Signal** | 4-20mA or 0-10V DC (Analog) | | **Switching Capacity** | Dry Contact Relay (SPDT) | | **Measurement Range** | Typically 0 ~ 2,000 ppm (CO2) | | **Accuracy** | ±30ppm ±3% of reading | --- ## 3. Wiring and Connectivity The GMD-200-R is designed for integration into larger Building Management Systems (BMS). * **Power Terminals:** Used to supply the 24V operating voltage. * **Analog Output:** Sends a continuous signal to a controller for real-time monitoring. * **Relay Terminals:** Usually labeled **COM (Common)**, **NO (Normally Open)**, and **NC (Normally Closed)**. * When gas levels exceed the set limit, the internal electronic circuit closes the NO contact to activate ventilation. ### Example Relay Logic ```python # Conceptual logic of the GMD-200-R Microcontroller if current_gas_ppm >= setpoint_limit: activate_relay(True) # Closes NO contact, turns on fan set_led("RED") else: activate_relay(False) # Remains in standby set_led("GREEN") ``` --- ## 4. Key Electronic Features * **Self-Calibration:** Includes an Automatic Baseline Calibration (ABC) algorithm to ensure long-term stability without manual intervention. * **Response Time:** Usually features a T90 (90% response) time of less than 60-90 seconds. * **EMI Shielding:** The internal PCB is designed to resist electromagnetic interference from nearby industrial machinery.
    ✨ Follow-up Questions
    • ⤷ How do you wire the relay output to a 24V exhaust fan?
    • ⤷ What is the difference between the GMD-200 and the GMD-200-R?
    • ⤷ How do I calibrate the NDIR sensor if the readings drift?