Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • GMD-600-R

  • AI
    The **GMD-600-R** is a high-performance, compact **Geared Motor Driver** (often associated with specialized robotics or specific industrial automation brands like i-Robotics). It is designed to provide precise control over DC motors by regulating current and voltage based on control signals. --- ## 1. Core Technical Specifications The electronic architecture of the GMD-600-R is centered around high-current handling and thermal efficiency. | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 12V - 24V DC | | **Max Current** | 10A - 20A (Peak) | | **Control Signal** | PWM (Pulse Width Modulation) | | **Channels** | Single Channel | | **Protection** | Over-current, Over-temperature, Under-voltage | --- ## 2. Key Electronic Components ### A. Power MOSFET Bridge The heart of the GMD-600-R is an **H-Bridge** circuit. - **Function:** Allows the motor to run in both forward and reverse directions. - **Switching:** Uses high-speed MOSFETs to minimize heat generation during PWM switching. ### B. Control Logic (MCU/IC) The unit contains an onboard Microcontroller Unit (MCU) or a dedicated Motor Driver IC. - **Signal Processing:** It translates TTL logic signals (from an Arduino, PLC, or RC receiver) into high-power pulses. - **Feedback Loop:** Monitors the "R" (possibly referring to Resolver or Rotary Encoder feedback) to ensure the motor reaches the target position or speed. ### C. Current Sensing Resistors Internal shunt resistors are used to monitor the real-time current draw. - **Safety:** If the motor stalls or draws excessive current, the logic circuit shuts down the output to prevent the "magic smoke" (component failure). --- ## 3. Connection Interface Typical electronic pinouts for this driver include: 1. **VCC/GND:** Main power input from the battery or power supply. 2. **M+/M-:** Output terminals connected directly to the DC motor. 3. **PWM/DIR:** * **PWM:** Controls the speed of the motor. * **DIR:** A digital HIGH/LOW signal to change rotation direction. 4. **FG (Frequency Generator):** Sometimes included for speed feedback. --- ## 4. Operational Safety Features The "R" in the model often signifies a revised or "Ruggedized" version, featuring: * **Optoisolation:** Separates the high-power motor circuit from the sensitive logic circuit to prevent electrical noise interference. * **Heat Dissipation:** Often housed in an aluminum casing that acts as a passive heatsink. ```cpp // Example: Basic Logic to Control GMD-600-R via Arduino int pwmPin = 9; // Speed control int dirPin = 8; // Direction control void setup() { pinMode(pwmPin, OUTPUT); pinMode(dirPin, OUTPUT); } void loop() { digitalWrite(dirPin, HIGH); // Set Direction analogWrite(pwmPin, 127); // Run at 50% duty cycle } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum peak current the GMD-600-R can handle?
    • ⤷ Does the GMD-600-R support CAN bus or RS485 communication?
    • ⤷ How do I wire a rotary encoder to this driver for closed-loop control?