Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • GOGNE02

  • AI
    The **GOGNE02** refers to a specific logic control board (PCB) typically used in **T-Con (Timing Controller)** units for LCD/LED display panels. These boards act as the "brains" of the display panel, translating the LVDS/V-by-One video signal from the main motherboard into data that the panel's source and gate drivers can understand. Below is a breakdown of the typical electronic components found on a GOGNE02 board and their functions. --- ### Key Electronic Components | Component Type | Common Part Label | Function | | :--- | :--- | :--- | | **Main T-Con Processor** | TCON / ASIC | Processes video data, manages timing signals, and handles frame rate conversion. | | **EEPROM/Flash Memory** | 24C / 25Q Series | Stores firmware, panel configuration data, and EDID (Extended Display Identification Data). | | **PMIC (Power Management)** | PMU / DC-DC | Converts input voltage (usually 12V) into VGH, VGL, AVDD, and VCC for the panel. | | **Gamma Buffer IC** | Gamma / AS15 | Corrects the luminance levels to ensure colors are displayed accurately on the screen. | | **MLCC Capacitors** | C1, C2, etc. | High-frequency filtering and decoupling to stabilize voltage rails. | | **LVDS Connector** | Input Port | Receives the digital signal from the TV or Monitor's mainboard. | --- ### Technical Specifications & Architecture #### 1. Signal Processing The GOGNE02 utilizes a High-Speed LVDS interface. It performs **Overdrive** (to reduce motion blur) and **Dithering** (to simulate more colors on a 6-bit or 8-bit panel). #### 2. Power Rail Generation The DC-DC converter section is critical. If these voltages are missing, the screen will likely remain black or show a white "washout" effect: * **VGH (Gate High):** ~25V to 30V (Turns on the TFT pixels). * **VGL (Gate Low):** ~ -5V to -10V (Turns off the TFT pixels). * **AVDD (Analog VDD):** ~15V (Source driver power). #### 3. Protection Circuits The board contains SMD fuses (usually marked with 'F' or 'P') near the input connector. If the board receives a surge, the fuse blows to protect the LCD glass. --- ### Common Failure Symptoms If electronic parts on the GOGNE02 fail, you may encounter the following: 1. **Solarization:** Images look like a film negative (Faulty Gamma IC). 2. **No Image / Backlight On:** Power is reaching the LEDs, but no data is reaching the pixels (Blown Fuse or PMIC failure). 3. **Vertical Lines:** Often a timing issue or a physical connection issue between the GOGNE02 and the panel COF (Chip on Flex).
    ✨ Follow-up Questions
    • ⤷ What are the typical voltage readings for a GOGNE02 board during operation?
    • ⤷ How can I test the Gamma IC on this specific T-Con board?
    • ⤷ Are there compatible replacement boards for the GOGNE02?