Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • GS-R0.1

  • AI
    The **GS-R0.1** (specifically referring to the GS-R series by STMicroelectronics) is a member of a legacy family of **step-down switching voltage regulators**. These are hybrid modules designed to provide high efficiency and high current output in a compact, plug-and-play SIP (Single In-line Package). --- ### ## Technical Specifications The GS-R series was designed to replace traditional linear regulators (like the 78xx series) in applications requiring higher power without massive heatsinks. | Feature | Typical Specification | | :--- | :--- | | **Input Voltage Range** | Up to 40V DC (depending on specific model) | | **Output Voltage** | Usually 5V, 12V, or 15V (Fixed or Adjustable) | | **Output Current** | 1A to 4A (The 0.1 variant usually denotes a specific current rating) | | **Efficiency** | 70% to 90% | | **Package Type** | Vertical SIP Module with Metal Shielding | | **Switching Frequency** | ~100 kHz | --- ### ### Internal Electronic Components The GS-R0.1 is not a single chip; it is a **Power Module** containing several discrete and integrated components encapsulated inside a metal casing to reduce EMI (Electromagnetic Interference). 1. **PWM Controller IC:** The "brain" that monitors output voltage and adjusts the duty cycle to maintain stability. 2. **Power Switching Transistor (MOSFET/Bipolar):** Acts as the high-speed switch that chops the input DC voltage. 3. **Power Inductor:** Stores energy during the "ON" cycle and releases it during the "OFF" cycle to provide a smooth current flow. 4. **Schottky Diode:** Acts as a freewheeling diode to provide a path for the inductor current when the switch is open. 5. **Filter Capacitors:** High-quality electrolytic or ceramic capacitors used to smooth input and output ripple voltage. 6. **Metal Shield:** Provides physical protection and acts as a Faraday cage to prevent the high-frequency switching noise from interfering with nearby circuits. --- ### ### Key Advantages * **High Efficiency:** Unlike linear regulators, it does not dissipate excess voltage as heat. * **No External Components:** Most GS-R modules require very few (if any) external capacitors to function. * **Short Circuit Protection:** Built-in thermal and current limit protection. * **Small Footprint:** Vertical mounting saves significant PCB real estate. ### ### Typical Pinout (Common 5-Pin Config) ```text Pin 1: +V Input Pin 2: Input Ground Pin 3: Output Ground Pin 4: +V Output Pin 5: Reset / Inhibit (Optional control pin) ``` --- ### ### Applications * Industrial control systems. * Distributed power architectures. * Telecommunications equipment. * Replacement for 7805/7812 regulators in high-heat environments. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum input voltage for the GS-R series?
    • ⤷ How does the GS-R module compare to a standard 7805 regulator?
    • ⤷ Is there a direct modern replacement for the GS-R0.1?