Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • GS-R0.1512SM

  • AI
    The **GS-R0.1512SM** is a specialized high-voltage DC-DC converter module, primarily manufactured by STMicroelectronics. It belongs to the GS-R series of step-up/step-down switching regulators designed for industrial applications. --- ## 1. Core Technical Specifications The device is designed to take a standard input voltage and convert it into a higher, stable output voltage. | Parameter | Value | | :--- | :--- | | **Input Voltage Range** | 9V to 16V DC | | **Output Voltage** | +12V DC | | **Output Current** | 0.15A (150mA) | | **Efficiency** | ~70% to 75% | | **Isolation** | Non-isolated | | **Package Type** | Surface Mount (SMD) | --- ## 2. Internal Electronic Architecture The GS-R0.1512SM is more than just a chip; it is a **Complete Power Module**. Inside the metal or plastic casing, it contains: ### A. PWM Controller A Pulse Width Modulation (PWM) circuit acts as the "brain," monitoring the output voltage and adjusting the switching frequency to maintain a steady 12V despite fluctuations in load or input. ### B. Power Inductor Unlike integrated circuits (ICs) that require external components, this module has a pre-matched inductor built-in. This reduces Electromagnetic Interference (EMI) and saves PCB space. ### C. Switching MOSFETs Internal high-speed transistors handle the rapid switching required to "pump" the voltage up or down to the target level. --- ## 3. Pin Configuration & Connectivity | Pin Number | Function | Description | | :---: | :--- | :--- | | **1** | +Vi | Positive Input Voltage (9-16V) | | **2** | Input GND | Ground reference for the input side | | **3** | +Vo | Regulated Output Voltage (+12V) | | **4** | Output GND | Ground reference for the output side | --- ## 4. Key Features and Usage * **Short Circuit Protection:** The module includes internal thermal and current limiting to prevent damage during a fault. * **Low Profile:** The "SM" designation indicates it is a Surface Mount device, making it ideal for automated assembly. * **Applications:** Commonly used in telecommunications, industrial control systems, and battery-powered equipment where a stable 12V rail is required from a fluctuating 12V battery source. ---
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for the GS-R0.1512SM?
    • ⤷ Can this module be used for medical-grade isolation applications?
    • ⤷ Are there modern pin-to-pin compatible replacements for this STMicroelectronics module?