Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • GS-R1012

  • AI
    ## Overview of the GS-R1012 The **GS-R1012** is a high-efficiency, step-down (buck) switching regulator module, historically manufactured by STMicroelectronics. It is part of the GS-R series designed to provide a regulated DC voltage from a higher, unregulated DC input. --- ### 1. Key Technical Specifications The GS-R1012 is characterized by its ability to handle high current loads while maintaining a small footprint. | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 15V to 40V DC | | **Output Voltage** | 12V DC (Fixed) | | **Output Current** | 1.0A (Continuous) | | **Efficiency** | Up to 85% - 90% | | **Switching Frequency** | ~100 kHz | | **Package Type** | SIP (Single In-line Package) or DIP-like module | --- ### 2. Internal Electronic Components Internally, the GS-R1012 is a "system-in-package" that combines several discrete components into one shielded unit: 1. **Switching Controller:** A pulse-width modulation (PWM) IC that regulates the timing of the power delivery. 2. **Power MOSFET:** An internal transistor that acts as the high-speed switch to minimize energy loss as heat. 3. **Power Inductor:** Used to store energy during the "ON" cycle and release it to the load during the "OFF" cycle. 4. **Schottky Diode:** A freewheeling diode that provides a path for the current when the MOSFET is off. 5. **Filter Capacitors:** Internal ceramic or electrolytic capacitors to smooth out input/output voltage ripples. --- ### 3. Pin Configuration Typically, the GS-R1012 utilizes a simple 3-pin or 4-pin interface, making it a "drop-in" replacement for inefficient linear regulators like the LM7812. | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | **Input** | Unregulated DC input (15V - 40V) | | **2** | **Ground** | Common Negative/Return path | | **3** | **Output** | Regulated 12V DC output | | **4 (Optional)** | **Reset/Inhibit** | Used for remote on/off or status monitoring | --- ### 4. Critical Applications Because of its high efficiency and lack of a requirement for a large heatsink, it is used in: * **Industrial Automation:** Powering 12V sensors from a 24V bus. * **Telecommunications:** Converting high-voltage DC lines to logic-level power. * **Automotive Electronics:** Adapting truck batteries (24V) to standard 12V accessories. --- ### 5. Implementation Example To use the GS-R1012, you generally only need to add external decoupling capacitors to ensure stability. ```c // Typical Connection Logic Input (24V) --> [Capacitor 0.1uF] --> Pin 1 (GS-R1012) Pin 2 --> Ground Pin 3 (12V Out) --> [Capacitor 100uF] --> Load ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum thermal dissipation of the GS-R1012 compared to a linear regulator?
    • ⤷ Are there pin-compatible modern alternatives to the GS-R1012 since it is often EOL?
    • ⤷ Can the GS-R1012 be adjusted to output a voltage other than 12V?