Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • GS-R1201

  • AI
    ## GS-R1201 Overview The **GS-R1201** is a high-efficiency, step-down (buck) switching voltage regulator module. It was famously produced by SGS-Thomson (now STMicroelectronics) as part of their "GS" family of power modules. These units are designed to provide a stable 5V output from a higher DC input voltage. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 7V to 35V DC | | **Output Voltage** | 5V DC (Fixed) | | **Output Current** | 1 Amp (Continuous) | | **Efficiency** | Typically 70% to 85% | | **Switching Frequency** | ~100 kHz | | **Package Style** | SIP (Single In-line Package) with metal heatsink | --- ### Internal Electronic Components The GS-R1201 is not a single transistor, but a **Hybrid Integrated Circuit**. Inside the metal-capped module, it contains several critical electronic parts: 1. **Switching Controller IC:** The "brain" that monitors the output voltage and regulates the pulse width (PWM) to maintain a steady 5V. 2. **Power MOSFET/Bipolar Transistor:** Acts as the high-speed switch that chops the input voltage. 3. **Power Inductor:** Stores energy during the "on" cycle and releases it during the "off" cycle to smooth the current. 4. **Schottky Diode:** Used for freewheeling, providing a path for the current when the main switch is off. 5. **Filter Capacitors:** Internal ceramic or electrolytic capacitors used to reduce input and output ripple. --- ### Pin Configuration The module typically features a 3-pin or 4-pin layout, similar to standard linear regulators (like the LM7805) but with a significantly larger footprint. * **Pin 1 (Vin):** Unregulated DC input. * **Pin 2 (GND):** Common ground for input and output. * **Pin 3 (Vout):** Regulated 5V output. * **Case:** Often connected to Ground; acts as a heat sink. --- ### Advantages Over Linear Regulators * **Heat Dissipation:** Unlike the LM7805, which wastes excess voltage as heat, the GS-R1201 uses switching technology, meaning it stays much cooler even with high input voltages (e.g., dropping 24V to 5V). * **Compactness:** It integrates the inductor and diode, which would usually require external components on a PCB. * **Protection:** Includes internal short-circuit protection and thermal shutdown features.
    ✨ Follow-up Questions
    • ⤷ What are the typical applications for the GS-R1201 in industrial electronics?
    • ⤷ How does the efficiency of the GS-R1201 compare to a standard 7805 linear regulator?
    • ⤷ Can the output voltage of a GS-R1201 be adjusted using external resistors?