Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • GS-R12FP

  • AI
    The **GS-R12FP** is a specialized electronic component, specifically a **high-efficiency step-down (buck) switching voltage regulator module**. It was originally manufactured by STMicroelectronics as part of their GS series of DC-DC converters. These modules were designed to simplify power supply design by integrating most of the necessary components into a single, compact package. --- ### 1. Key Technical Specifications The GS-R12FP is known for its ability to handle high current while maintaining a small footprint. | Parameter | Specification | |:---|:---| | **Input Voltage Range** | 15V to 40V DC | | **Output Voltage** | 12V DC (Fixed) | | **Output Current** | 1.5A to 2A (Typical) | | **Efficiency** | Up to 85% - 90% | | **Switching Frequency** | ~100 kHz | | **Package Type** | SIP (Single In-line Package) | --- ### 2. Internal Electronic Architecture The module is not a single silicon chip; it is a **Hybrid Circuit** containing several discrete and integrated components: * **Switching Controller:** An internal PWM (Pulse Width Modulation) controller that manages the duty cycle to maintain a steady 12V output despite input fluctuations. * **Power MOSFET:** An internal transistor that acts as the high-speed switch. * **Power Inductor:** A built-in coil that stores energy during the "on" cycle and releases it during the "off" cycle. * **Schottky Diode:** Used for commutation (freewheeling) to provide a path for the current when the switch is open. * **Compensation Network:** Internal resistors and capacitors that stabilize the feedback loop to prevent oscillation. --- ### 3. Pinout Configuration The GS-R12FP typically features a simple 3-pin or 5-pin layout (depending on the specific revision): 1. **Vi (Input):** Positive unregulated input voltage. 2. **GND (Ground):** Common ground for both input and output. 3. **Vo (Output):** Regulated +12V output. 4. **Reset/Inhibit (Optional):** Some versions include a pin to disable the module or provide a "power good" signal. --- ### 4. Advantages and Use Cases * **Thermal Efficiency:** Unlike linear regulators (like the L7812), the GS-R12FP does not dissipate excess voltage as heat, meaning it often doesn't require a large heatsink. * **Simplicity:** It requires very few external components (usually just input/output filter capacitors). * **Applications:** Commonly used in industrial automation, telecommunications equipment, and automotive electronics where a stable 12V rail is needed from a higher voltage source (like a 24V battery). ---
    ✨ Follow-up Questions
    • ⤷ What are the recommended external capacitor values for the GS-R12FP?
    • ⤷ Is there a modern pin-to-pin compatible replacement for this module?
    • ⤷ How does the GS-R12FP compare to a standard LM7812 linear regulator?