Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • GS-R24FP

  • AI
    The **GS-R24FP** is a high-performance, high-current step-down (buck) voltage regulator module manufactured by STMicroelectronics. It belongs to the "Family of Power Modules" designed to simplify power supply design by integrating complex circuitry into a single package. --- ## 1. Core Specifications The GS-R24FP is essentially a DC-DC converter capable of delivering significant power with high efficiency. | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 9V to 40V DC | | **Output Voltage** | 5.1V (Fixed) | | **Output Current** | 4.0 Amperes (Max) | | **Efficiency** | Up to 90% | | **Switching Frequency** | ~100 kHz | | **Package Type** | Metal or Plastic SIP (Single In-line Package) | --- ## 2. Internal Electronic Components The "magic" of the GS-R24FP lies in what is integrated inside the module. It replaces a dozen discrete components with a single unit: ### A. The Control IC The heart of the module is usually based on the **L6420** or a similar PWM (Pulse Width Modulation) controller. This IC monitors the output voltage and adjusts the duty cycle of the switching transistor to maintain a steady 5.1V. ### B. Power Switching Element It contains an internal **Power MOSFET**. This transistor switches on and off thousands of times per second to "chop" the input voltage, which is the fundamental mechanism of a switching regulator. ### C. Power Inductor Unlike linear regulators, the GS-R24FP includes a high-quality internal inductor. This component stores energy in a magnetic field during the "on" cycle and releases it during the "off" cycle to provide a smooth current flow. ### D. Protection Circuitry The module integrates several safety layers: * **Short Circuit Protection:** Limits current if the output is shorted. * **Thermal Shutdown:** Shuts the unit down if internal temperatures exceed safe limits. * **Soft Start:** Gradually increases voltage during power-up to prevent current spikes. --- ## 3. Typical Application Schematic To use the GS-R24FP, very few external components are required. Usually, only input and output filter capacitors are needed. ```text Input (9-40V) ----[ C1 ]----( Pin 1: Vi ) ( Pin 2: GND )---- Ground Output (5.1V) ----[ C2 ]----( Pin 3: Vo ) ``` * **C1 (Input Capacitor):** Typically 100µF to stabilize the input. * **C2 (Output Capacitor):** Typically 220µF to reduce output ripple. --- ## 4. Key Advantages 1. **Heat Management:** Because it is a switching regulator (not linear), it generates very little heat even when dropping 40V down to 5V. 2. **Space Saving:** The integration of the inductor saves significant PCB real estate. 3. **Reliability:** Metal casing options provide excellent EMI (Electromagnetic Interference) shielding.
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the GS-R24FP?
    • ⤷ How does the GS-R24FP compare to the LM7805 linear regulator?
    • ⤷ Can the output voltage of the GS-R24FP be adjusted?