Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • GS-R400

  • AI
    The **GS-R400** series is a family of step-down (buck) switching voltage regulator modules, originally developed by STMicroelectronics. These are "monolithic" or hybrid-style modules designed to simplify power supply design by integrating most required components into a single package. --- ## 1. Core Technical Specifications The GS-R400 series includes several variants (like the GS-R405, GS-R412, etc.), with the following general characteristics: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | Typically 7V to 40V (depending on the specific model) | | **Output Voltage** | Usually fixed (e.g., 5V, 12V, 15V) or adjustable | | **Output Current** | Up to 4 Amps | | **Efficiency** | High efficiency (often >80-90%) compared to linear regulators | | **Package Type** | Vertical or Horizontal SIP (Single In-line Package) | --- ## 2. Internal Electronic Components The "magic" of the GS-R400 is that it encapsulates a complex circuit into a single block. Internally, it contains: ### A. Power Switching Element It utilizes a high-speed bipolar or MOSFET transistor to "chop" the input DC voltage. Because it switches fully ON and fully OFF, it wastes very little energy as heat compared to a standard LM7805 linear regulator. ### B. The Inductor (Coil) Unlike integrated circuit chips (ICs), the GS-R400 module includes a physical power inductor inside the casing. This inductor stores energy in a magnetic field during the "on" cycle and releases it to the load during the "off" cycle. ### C. Control Circuitry (PWM Controller) It features an internal Pulse Width Modulation (PWM) controller that monitors the output voltage. If the voltage drops, it increases the "on-time" of the switch to maintain a steady output. ### D. Protection Features * **Short-circuit protection:** Limits current if the output is shorted. * **Thermal shutdown:** Turns off the module if it exceeds safe operating temperatures. * **Soft Start:** Gradually increases voltage during power-up to prevent current spikes. --- ## 3. Pinout and Integration Typically, these modules have a simple 3 to 11 pin configuration. Below is a conceptual representation of a standard 5-pin configuration: ```text 1. + Vin (Input Voltage) 2. Remote (On/Off Control - optional) 3. Ground (Common) 4. + Vout (Regulated Output) 5. S+ (Sense line for voltage compensation) ``` --- ## 4. Key Advantages 1. **No Heatsink Required:** Due to high efficiency, it generates very little heat even when outputting 4A. 2. **Space Saving:** Replaces several discrete components (diodes, large inductors, and controller ICs). 3. **Wide Input Range:** Can handle significant fluctuations in battery or industrial power rails.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the GS-R400 and a standard LM7805 regulator?
    • ⤷ Can the output voltage of a GS-R400 be adjusted manually?
    • ⤷ What external capacitors are recommended for the GS-R400 input/output?