Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • GS-R400VB

  • AI
    ## GS-R400VB: Electronic Component Overview The **GS-R400VB** is a high-efficiency **Step-Down (Buck) Switching Regulator Module** manufactured by STMicroelectronics. It is designed to convert a higher DC voltage into a stable, lower DC voltage for electronic circuits. ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Output Voltage** | 5.1V DC | | **Output Current** | 4.0 Amperes | | **Input Voltage Range** | 9V to 40V DC | | **Efficiency** | Typically 75% to 85% | | **Switching Frequency** | ~100 kHz | | **Package Type** | SIP (Single In-line Package) or Vertical Mount | --- ### Internal Electronic Architecture The GS-R400VB is not a single chip but a **Hybrid Module**. It integrates several discrete and integrated components onto a small PCB, often encapsulated in plastic: 1. **PWM Controller:** The "brain" of the module that regulates the timing of the switching cycle to maintain a constant output voltage regardless of load changes. 2. **Power MOSFET:** A high-speed electronic switch that toggles the input voltage on and off at high frequencies. 3. **Power Inductor:** This stores energy during the "on" cycle and releases it during the "off" cycle to smooth out the current. 4. **Schottky Diode:** Acts as a freewheeling diode to provide a path for the current when the MOSFET is off. 5. **Filter Capacitors:** High-quality electrolytic and ceramic capacitors are integrated to minimize input/output ripple and noise. --- ### Pin Configuration and Functionality The module typically features 11 pins (though some versions vary). The primary connections are: * **Vi (Input):** Positive DC supply input. * **GND (Ground):** Common return path for input and output. * **Vo (Output):** Regulated 5.1V output. * **S+ / S- (Remote Sense):** Used to compensate for voltage drops over long wires to the load. * **Inhibit:** Allows the user to turn the module on or off using a logic signal. --- ### Advantages of Using this Module * **Thermal Performance:** Because it is a switching regulator, it generates significantly less heat than linear regulators (like the LM7805), often eliminating the need for a massive heatsink. * **Protection Circuits:** It includes built-in short-circuit protection and thermal shutdown features. * **Ease of Use:** Being a module, it requires very few external components to operate, saving PCB space and design time.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring requirements for the Remote Sense (S+/S-) pins?
    • ⤷ Can the output voltage of the GS-R400VB be adjusted manually?
    • ⤷ What is the recommended cooling method for the GS-R400VB at full 4A load?