Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • GS-R405

  • AI
    The **GS-R405** is a high-efficiency, step-down (buck) switching voltage regulator module, originally designed by SGS-Thomson (now STMicroelectronics). It belongs to the GS-R series, known for being compact, plug-and-play solutions for power management in industrial and telecommunications equipment. --- ### ## Technical Specifications The GS-R405 is designed to convert a higher DC input voltage into a stable 5V output. | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 7V to 40V DC | | **Output Voltage** | 5V DC (Fixed) | | **Output Current** | 4A (Continuous) | | **Efficiency** | Up to 90% | | **Switching Frequency** | ~100 kHz | | **Isolation** | Non-isolated | --- ### ### Key Internal Components The module is a "complete" power solution, meaning it integrates several electronic parts into a single SIP (Single In-line Package) or DIP-like module: 1. **Switching Regulator IC:** The heart of the module, typically based on a bipolar or MOSFET high-speed switch that pulses the input voltage. 2. **Power Inductor:** Used to store energy during the "on" cycle of the switch and release it to the load during the "off" cycle, smoothing the current. 3. **Schottky Diode:** Acts as a catch diode (freewheeling diode) to provide a path for the inductor current when the main switch is off. 4. **Filter Capacitors:** Internal ceramic or electrolytic capacitors used to reduce input and output ripple voltage. 5. **Control Circuitry:** Includes internal oscillators, error amplifiers, and feedback loops to maintain a constant 5V output regardless of load changes. --- ### ### Pin Configuration The module typically features a simple pinout for easy PCB integration: * **Pin 1 (Vi):** Unregulated Input Voltage. * **Pin 2 (GND):** Common Ground. * **Pin 3 (Vo):** Regulated 5V Output. * **Pin 4 (Reset/Control):** Some variants include a reset signal or an inhibit function for remote on/off control. --- ### ### Main Features and Protections * **Short Circuit Protection:** The module can survive a direct short at the output without destroying the internal components. * **Thermal Shutdown:** If the internal temperature exceeds safe limits, the module throttles or shuts down to prevent fire or permanent damage. * **No External Heat Sink (Usually):** Due to high efficiency, it often does not require a large heat sink compared to linear regulators like the LM7805. * **Low EMI:** The module is shielded to minimize electromagnetic interference with surrounding sensitive electronics.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the GS-R405 and a standard LM7805 linear regulator?
    • ⤷ Can the GS-R405 be adjusted to output a voltage other than 5V?
    • ⤷ What is the maximum power dissipation allowed for this module without external cooling?