Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • GS-R412/2

  • AI
    The **GS-R412/2** is a classic step-down (buck) switching voltage regulator module manufactured by STMicroelectronics. It belongs to the GS-R series, designed to provide a highly efficient, regulated DC output from a higher DC input voltage. Below is a detailed breakdown of its electronic characteristics and components. --- ## 1. Technical Specifications The GS-R412/2 is a 2-Ampere output module. Its primary role is to convert higher voltages down to a stable 12V rail. | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 15V to 40V DC | | **Output Voltage** | 12V DC (Fixed) | | **Output Current** | 2.0 Amperes | | **Efficiency** | Typically 80% to 90% | | **Switching Frequency** | ~100 kHz | | **Package Type** | SIP (Single In-line Package) | --- ## 2. Key Internal Electronic Parts The module is a "system-in-package," meaning it integrates several discrete components onto a small PCB substrate, often encapsulated in resin. ### A. Integrated Controller (PWM) The heart of the module is usually a bipolar switching regulator IC (often based on the **L296** or **L4960** architecture). This IC manages the Pulse Width Modulation (PWM) to maintain a constant output despite fluctuations in input voltage or load. ### B. The Power Inductor Unlike linear regulators (like the 7812 series), the GS-R412/2 uses a large **inductor**. * **Function:** It stores energy in a magnetic field during the "ON" cycle of the switch and releases it to the load during the "OFF" cycle. * **Significance:** This allows the device to step down voltage with very little heat dissipation compared to linear versions. ### C. Schottky Catch Diode A high-speed diode is placed internally to provide a path for the inductor current when the main power switch is turned off (freewheeling). ### D. Filter Capacitors The module contains internal electrolytic or tantalum capacitors to smooth out the switching ripple. However, for most applications, **external** capacitors are still recommended at the input and output pins to ensure stability. --- ## 3. Pin Configuration The GS-R412/2 typically features a 9-pin or 11-pin layout. The most critical pins are: 1. **Input (Vi):** Unregulated DC input. 2. **Output (Vo):** Regulated 12V output. 3. **Ground (GND):** Common return path. 4. **Inhibit:** Allows the user to turn the regulator on/off electronically. 5. **Reset/Crowbar:** Protection pins for over-voltage or system signaling. --- ## 4. Notable Features * **Short Circuit Protection:** The internal IC monitors output current and shuts down if a short is detected. * **Thermal Shutdown:** If the internal temperature exceeds safe limits (usually 150°C), the device turns off to prevent permanent damage. * **Remote Inhibit:** Can be interfaced with a logic circuit (like a microcontroller) to put the power supply into standby mode. ---
    ✨ Follow-up Questions
    • ⤷ What are the recommended external capacitor values for the GS-R412/2?
    • ⤷ How does the GS-R412/2 efficiency compare to a standard 7812 linear regulator?
    • ⤷ Can the output voltage be adjusted
    • ⤷ or is it strictly fixed at 12V?