Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • GS-R415

  • AI
    ### Overview of the GS-R415 The **GS-R415** is a high-efficiency, step-down (buck) switching regulator module, historically manufactured by STMicroelectronics. It belongs to the GS-R series of DC-DC converters designed to provide a stable output voltage from a higher unregulated input voltage. --- ### Technical Specifications Below are the primary electronic characteristics of the GS-R415 module: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 9V to 40V DC | | **Output Voltage** | 15V DC (Fixed) | | **Output Current** | 4.0 Amperes (Max) | | **Efficiency** | Up to 90% | | **Switching Frequency** | ~100 kHz | | **Package Type** | Vertical or Horizontal SIP (Single In-line Package) | --- ### Key Internal Components The GS-R415 is not a single chip but a **hybrid module** containing several discrete and integrated components: 1. **Power Switching Controller:** Typically based on the L296 or similar STMicroelectronics switching regulator IC. It manages the Pulse Width Modulation (PWM) to regulate voltage. 2. **Power MOSFET/Transistor:** Handles the high-current switching between the input and the inductor. 3. **Power Inductor:** Stores energy during the "on" cycle and releases it to the load during the "off" cycle to smooth out the current. 4. **Schottky Diode:** Acts as a freewheeling diode to provide a path for the inductor current when the switch is open. 5. **Filter Capacitors:** High-quality electrolytic or ceramic capacitors used to reduce input and output ripple voltage. --- ### Main Features * **Short Circuit Protection:** The module includes internal current limiting to protect against output shorts. * **Thermal Shutdown:** Automatically turns off if the internal temperature exceeds safe operating limits. * **Remote Inhibit:** Often features a pin to electronically turn the output on or off without disconnecting the main power. * **Soft Start:** Gradually increases the output voltage upon power-up to prevent current spikes. --- ### Pin Configuration (Standard SIP) While you should always consult the specific datasheet for your unit's revision, the general pinout for the GS-R series includes: * **Pin 1-2:** Input Voltage ($V_{in}$) * **Pin 3:** Ground (GND) * **Pin 4-5:** Output Voltage ($V_{out}$) * **Pin 6:** Reset/Inhibit (Optional feature for control) --- ### Typical Applications * Industrial automation control systems. * Telecommunications equipment requiring stable 15V rails. * Distributed power architectures where a high-voltage bus (24V or 36V) needs to be stepped down locally.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the GS-R415 and the GS-R412 model?
    • ⤷ How do I properly heat sink a GS-R415 module for high-current use?
    • ⤷ Can the output voltage of the GS-R415 be adjusted with external resistors?