Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • GS-R424/2

  • AI
    The **GS-R424/2** is a high-efficiency switching regulator module, historically manufactured by STMicroelectronics (often under the SGS-Thomson brand). It is part of the GS-R family, designed to provide a stable DC output from a higher DC input voltage. --- ## 1. Core Specifications The GS-R424/2 is primarily a **Step-Down (Buck) Converter**. Below are its fundamental electrical characteristics: | Parameter | Value | | :--- | :--- | | **Input Voltage Range** | 7V to 40V DC | | **Output Voltage** | 5V DC | | **Output Current** | 4A | | **Efficiency** | Typically 80% to 90% | | **Switching Frequency** | ~100 kHz | --- ## 2. Key Internal Electronic Components The module is an "Integrated Switching Regulator," meaning it contains several discrete components inside a shielded metal or plastic casing to simplify circuit design. ### A. The Control IC The "brain" of the module is usually a PWM (Pulse Width Modulation) controller. It monitors the output voltage and adjusts the duty cycle of the power switch to maintain exactly 5V, even if the input voltage fluctuates. ### B. Power MOSFET/Transistor Inside the module is a high-speed power switch. Unlike linear regulators (which dissipate excess voltage as heat), this switch turns fully ON and OFF rapidly, minimizing energy loss. ### C. The Inductor (Power Choke) The inductor is the primary energy storage element. When the internal switch is ON, energy is stored in the inductor's magnetic field. When the switch is OFF, the inductor releases that energy to the load. ### D. Schottky Diode (Catch Diode) A high-speed diode is used to provide a current path when the power switch is open, ensuring continuous current flow to the output. ### E. Input/Output Capacitors The module includes internal electrolytic or ceramic capacitors to: * Filter out input ripples. * Stabilize the output voltage by smoothing the switching pulses. --- ## 3. Features and Protections * **Short Circuit Protection:** The module will shut down or limit current if the output is shorted, preventing the internal components from melting. * **Thermal Shutdown:** If the internal temperature exceeds safe limits, the module stops switching. * **Remote Inhibit:** Many versions of this series feature a "Soft-Start" or "Inhibit" pin to turn the regulator on and off via a logic signal. --- ## 4. Typical Pinout Configuration While you should always consult the specific datasheet for the /2 variant, the standard GS-R series typically uses a multi-pin SIP (Single In-line Package) layout: | Pin | Function | Description | | :--- | :--- | :--- | | **Vin** | Input Voltage | Positive DC input (7-40V) | | **GND** | Ground | Common negative return | | **Vout** | Output Voltage | Regulated 5V output | | **Inhibit** | Remote On/Off | Logic level control | --- ## 5. Usage Considerations * **Heat Dissipation:** Although efficient, at a full 4A load, the module will generate heat. Adequate airflow or a small heatsink (if the casing allows) is recommended. * **Input Smoothing:** For high-noise environments, it is best practice to add a $100\mu F$ capacitor at the input and a $10\mu F$ tantalum capacitor at the output.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the GS-R424/2 and a standard LM7805 linear regulator?
    • ⤷ Can the output voltage of the GS-R424/2 be adjusted externally?
    • ⤷ What is the maximum ripple voltage typically expected from this module?