Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • GS-R51515S

  • AI
    The **GS-R51515S** is a high-performance, multi-output **DC-DC Converter** module, typically manufactured by STMicroelectronics. It belongs to the GS-R family of step-down switching regulators, designed to provide multiple regulated voltages from a single input source. --- ### 1. Key Technical Specifications The GS-R51515S is known for its "Triple Output" capability, making it ideal for powering systems that require both digital (5V) and dual analog (±15V) rails. | Parameter | Value/Range | | :--- | :--- | | **Input Voltage Range** | 18V to 40V DC | | **Output 1 (Vout1)** | +5.1V @ 3.5A | | **Output 2 (Vout2)** | +15V @ 0.15A | | **Output 3 (Vout3)** | -15V @ 0.15A | | **Efficiency** | ~75% to 80% | | **Isolation** | Non-Isolated | | **Package Type** | SIP (Single In-line Package) or Module | --- ### 2. Main Electronic Components & Features Inside the module, several critical electronic stages work together to manage power conversion: * **Switching Regulator (Buck Topology):** The core of the +5.1V rail is a high-frequency buck converter. It uses a PWM (Pulse Width Modulation) controller to maintain high efficiency compared to linear regulators. * **Integrated Inductors:** Unlike discrete ICs, this module includes the power inductors internally, which reduces EMI (Electromagnetic Interference) and saves PCB space. * **Charge Pump / Auxiliary Windings:** To generate the symmetrical ±15V rails from a lower primary voltage, the module utilizes auxiliary transformer windings or charge pump circuitry. * **Protection Circuits:** * **Short Circuit Protection:** Automatically limits current if the output is shorted. * **Thermal Shutdown:** Shuts the device down if internal temperatures exceed safe limits (typically around 150°C). * **Soft Start:** Gradually increases the output voltage during power-up to prevent inrush current spikes. --- ### 3. Pin Configuration Overview While specific pinouts should always be verified against the manufacturer's datasheet, the standard layout for this series includes: 1. **Vi:** Positive Input Voltage. 2. **GND:** Common Ground for Input and Output. 3. **Vout1 (+5.1V):** Primary high-current output. 4. **Vout2 (+15V):** Low-current positive analog rail. 5. **Vout3 (-15V):** Low-current negative analog rail. 6. **Reset/Inhibit (Optional):** Some versions include a pin to disable the module remotely. --- ### 4. Typical Applications This part is specifically designed for industrial and telecommunications equipment where space is at a premium: * **Operational Amplifiers:** The ±15V rails are perfect for powering precision op-amps. * **Microcontrollers:** The +5.1V rail powers the MCU and digital logic. * **Data Acquisition Systems:** Providing clean power for sensors and ADC/DAC converters.
    ✨ Follow-up Questions
    • ⤷ What are the heat dissipation requirements for the GS-R51515S at full load?
    • ⤷ Can this module be used with a 12V input source?
    • ⤷ What is the ripple and noise specification for the 5V output?