Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • GS12A15-R7B

  • AI
    The **GS12A15-R7B** is a specific AC/DC desktop power adapter manufactured by **MEAN WELL**. It belongs to the GS12 series, designed for industrial and consumer electronic applications requiring a reliable external power source. --- ## 1. Technical Specifications Below are the primary electronic characteristics of the GS12A15-R7B: | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 15V DC | | **Rated Current** | 0.8A | | **Rated Power** | 12 Watts | | **Input Voltage Range** | 90 ~ 264VAC (Universal) | | **Input Frequency** | 47 ~ 63Hz | | **Efficiency** | ~80% (Level V compliant) | | **DC Plug Type** | Power DIN 4-Pin with lock (R7B configuration) | --- ## 2. Key Internal Electronic Features ### Protection Circuitry The device incorporates three primary protection mechanisms to ensure the safety of the connected electronics: 1. **Short Circuit Protection:** Automatically recovers after the fault condition is removed. 2. **Overload Protection:** Protects against excessive current draw (usually 110%~150% of rated output power). 3. **Overvoltage Protection:** Clamps the output voltage to prevent damage to sensitive components if the internal regulation fails. ### Power Conversion Topology * **Switching Mode Power Supply (SMPS):** Unlike heavy linear transformers, this uses high-frequency switching to convert power efficiently, resulting in a compact size and lightweight build. * **Isolation:** Features 3000VAC isolation between the primary (AC input) and secondary (DC output) stages for user safety. --- ## 3. The "R7B" Connector Detail The suffix **R7B** refers specifically to the DC output connector. This is a critical distinction from standard barrel jacks: * **Physical Form:** It uses a **4-pin Power DIN** connector. * **Locking Mechanism:** It features a snap-lock system to prevent accidental disconnection, making it suitable for medical or industrial equipment where power stability is vital. * **Pin Assignment:** Typically, two pins are assigned to $V+$ and two pins to $V-$ to handle the current load and provide redundancy. --- ## 4. Compliance and Standards * **Energy Efficiency:** Complies with ErP step 2 and EISA 2007/DoE Level V. * **Safety Standards:** UL60950-1, TUV EN60950-1 approved. * **EMC:** Meets EN55022 (CISPR22) Class B emissions.
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the R7B 4-pin DIN connector?
    • ⤷ Can this power supply be used for medical-grade applications?
    • ⤷ What are the compatible alternatives if the GS12A15-R7B is out of stock?