Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • GS160A24-R7B

  • AI
    ## GS160A24-R7B: Electronic Overview The **GS160A24-R7B** is a high-reliability, 160-watt AC-to-DC desktop power supply manufactured by **MEAN WELL**. It is part of the GS160 series, designed primarily for industrial and commercial applications requiring high efficiency and low no-load power consumption. --- ### Technical Specifications The table below summarizes the core electronic characteristics of the GS160A24-R7B: | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 24V DC | | **Output Current** | 6.67A | | **Rated Power** | 160W | | **Input Voltage Range** | 85 ~ 264VAC (Universal) | | **Efficiency (Typ.)** | 92.5% | | **Output Connector** | Power DIN 4-Pin with Lock (R7B type) | | **Operating Temperature** | -30°C to +70°C | | **Idle Power Consumption** | < 0.15W | --- ### Key Electronic Features 1. **High Efficiency & Energy Saving:** The unit is designed to meet Level VI energy efficiency standards. With an efficiency rating of up to 92.5%, it minimizes heat dissipation and reduces electricity costs. 2. **Active Power Factor Correction (PFC):** The circuitry includes a built-in active PFC function (PF > 0.94), which improves the power quality and ensures compliance with harmonic current regulations (EN61000-3-2). 3. **Protection Circuitry:** The device includes multiple layers of electronic protection to prevent damage to the connected load: * **Short Circuit Protection:** Automatic recovery after fault removal. * **Overload Protection:** Limits current output to safe levels. * **Overvoltage Protection:** Shuts down the output if the voltage exceeds safety thresholds (typically 25.2V ~ 32.4V). * **Overtemperature Protection:** Shuts down the unit if internal components overheat. 4. **The R7B Connector:** The "R7B" suffix refers specifically to the DC output plug. It utilizes a **4-pin Power DIN** connector with a locking mechanism to prevent accidental disconnection, which is crucial for industrial hardware. --- ### Pin Assignment (Power DIN 4-Pin) The wiring configuration for the R7B connector is standardized for this series: ```text PIN 1, 2: +V (24V DC) PIN 3, 4: -V (Ground) Shell: Connected to Chassis Ground ``` --- ### Common Applications * Industrial automation equipment. * Telecommunication devices. * Large-format printers and POS systems. * Security and surveillance monitoring hardware.
    ✨ Follow-up Questions
    • ⤷ What are the differences between the R7B and the standard P1J connector?
    • ⤷ Is this power supply suitable for medical-grade applications?
    • ⤷ How does the derating curve affect performance at 70°C?