Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • GS220A24-R7B

  • AI
    The **GS220A24-R7B** is a high-efficiency, industrial-grade AC/DC desktop power adapter manufactured by **Mean Well**. It is part of the GS220 series, designed to provide a stable 24V DC output for various electronic applications. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Mean Well | | **Output Voltage** | 24V DC | | **Output Current** | 9.2A | | **Rated Power** | 221W | | **Input Voltage Range** | 90 ~ 264VAC (Universal) | | **Efficiency** | ~92.5% | | **Connector Type** | Power DIN 4-Pin with lock (R7B) | | **Safety Standards** | UL62368-1, CSA C22.2, TUV EN62368-1 | --- ### 2. Electronic Component Breakdown The internal architecture of the GS220A24-R7B consists of several critical stages: #### A. Input Protection and Filtering * **EMI Filter:** A combination of X/Y capacitors and common-mode chokes to prevent electromagnetic interference from leaking back into the AC line. * **NTC Thermistor:** Limits inrush current during the initial power-on phase to protect the internal bridge rectifier. * **Fuse:** Provides over-current protection in case of internal component failure. #### B. Active Power Factor Correction (PFC) * The unit features a **Built-in Active PFC function**. This circuitry ensures that the current waveform is in phase with the voltage waveform, leading to a high Power Factor (PF > 0.91). This reduces energy waste and harmonic distortion. #### C. Switching Stage (PWM Control) * Uses a Pulse Width Modulation (PWM) controller to drive high-voltage MOSFETs. These switch the DC-rectified input at high frequencies through a power transformer, allowing for a smaller form factor compared to traditional linear power supplies. #### D. Secondary Rectification and Filtering * **Schottky Rectifiers:** High-speed diodes convert the high-frequency AC from the transformer back into DC. * **Low ESR Electrolytic Capacitors:** These smooth the output voltage ripple to ensure a stable 24V delivery to the load. #### E. Protection Circuits The unit includes integrated ICs that monitor performance and shut down the device during faults: 1. **Short Circuit Protection (SCP):** Auto-recovery after fault removal. 2. **Overload Protection (OLP):** Limits current to 105% ~ 135% of rated output. 3. **Over Voltage Protection (OVP):** Shuts down if output exceeds ~30V. 4. **Over Temperature Protection (OTP):** Shuts down the unit if internal temperatures exceed safe limits. --- ### 3. Connector Pinout (R7B Type) The **R7B** suffix specifically refers to the 4-pin Power DIN connector. The pin configuration is typically as follows: | Pin Number | Function | | :--- | :--- | | **1, 2** | +24V DC Output | | **3, 4** | Ground (Return) | | **Shell** | FG (Frame Ground) | --- ### 4. Application Use Cases Due to its high wattage and 24V output, this part is commonly used for: * Large POS terminals. * Industrial automation equipment. * 3D printers and CNC hobbyist machines. * Telecommunication networking devices.
    ✨ Follow-up Questions
    • ⤷What is the difference between the R7B and the standard P1M connector?
    • ⤷ Can this power supply be used in medical applications?
    • ⤷ How does active PFC improve the efficiency of this specific model?