Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • GS3JBQ

  • AI
    ## Overview of the GS3JBQ Electronic Component The **GS3JBQ** is a surface-mount power rectifier diode. It is commonly used in power management circuits for rectification, protecting against reverse polarity, and freewheeling applications. Below is a detailed breakdown of its electronic specifications and characteristics. --- ### 1. Key Technical Specifications The GS3JBQ is classified as a **Standard Recovery Surface Mount Rectifier**. | Parameter | Specification | | :--- | :--- | | **Part Number** | GS3JBQ | | **Diode Type** | Standard Recovery | | **Max. Repetitive Reverse Voltage ($V_{RRM}$)** | 600 V | | **Max. Average Forward Current ($I_{F(AV)}$)** | 3.0 A | | **Max. Forward Voltage Drop ($V_F$)** | 1.1 V @ 3.0 A | | **Reverse Recovery Time ($t_{rr}$)** | Typically 2.0 µs (Standard) | | **Operating Junction Temperature** | -55°C to +150°C | | **Package Type** | DO-214AA (SMB) | --- ### 2. Physical and Package Characteristics The "Q" suffix in the part number often indicates **AEC-Q101 Qualification**, meaning the component is tested for high-reliability automotive standards. * **Package Style:** SMB (DO-214AA). It is a low-profile, surface-mount package designed to save board space. * **Case Material:** Molded plastic. UL Flammability Classification 94V-0. * **Terminals:** Solderable per MIL-STD-750. * **Polarity:** Color band denotes cathode end. --- ### 3. Common Applications Due to its 600V and 3A rating, the GS3JBQ is versatile for both consumer and industrial electronics: * **AC-to-DC Rectification:** Used in bridge rectifiers for power supplies. * **Reverse Polarity Protection:** Prevents damage to circuits if a battery or DC source is connected backward. * **Freewheeling Diode:** Used in inductive load switching (motors, solenoids) to suppress voltage spikes. * **Automotive Systems:** Used in on-board chargers or lighting modules (due to the "Q" automotive grade rating). --- ### 4. Circuit Symbol and Operation In a schematic, the GS3JBQ is represented by the standard diode symbol. It allows current to flow from the **Anode** to the **Cathode** when the anode voltage is higher than the cathode by at least 1.1V, while blocking current in the opposite direction up to 600V. ```text Anode (+) Cathode (-) |-------|>|-------| (GS3JBQ Diode) ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the GS3JBQ and a Schottky diode in a power circuit?
    • ⤷ Can the GS3JBQ be used in high-frequency switching power supplies?
    • ⤷ What are the thermal considerations when mounting an SMB package diode like the GS3JBQ?