Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • GSA300-R

  • AI
    The **GSA300-R** is a specialized high-performance **redundant power supply unit (PSU)**, commonly used in rackmount servers, industrial computers, and telecommunications equipment. The "R" suffix typically denotes **Redundancy**, meaning the system is designed for 24/7 uptime through a "1+1" or "N+1" configuration. --- ## 1. Core Electronic Components & Architecture The GSA300-R is built using a **Switch Mode Power Supply (SMPS)** architecture. Below are the key electronic sections: ### A. Input Stage (AC to DC) * **EMI Filter:** A network of capacitors and inductors that prevents electromagnetic interference from feeding back into the power grid. * **Active PFC (Power Factor Correction):** Uses a boost converter to ensure the current waveform follows the voltage waveform, improving efficiency (typically >0.90) and reducing harmonic distortion. * **Bridge Rectifier:** Converts incoming AC voltage to a high-voltage DC bus. ### B. Switching Stage * **MOSFETs (Metal-Oxide-Semiconductor Field-Effect Transistors):** High-speed switches that chop the DC voltage into high-frequency pulses. * **PWM Controller:** The "brain" of the PSU that regulates the duty cycle of the MOSFETs to maintain a constant output voltage regardless of load changes. ### C. Output & Redundancy Logic * **Isolation Transformer:** Steps down the high voltage and provides galvanic isolation for safety. * **OR-ing Diodes / MOSFETs:** Critical for the "R" (Redundant) aspect. These components allow two power modules to share a bus without one back-feeding into a failed unit. * **Filtering Capacitors:** High-grade electrolytic or polymer capacitors that smooth out the DC ripple for sensitive server components. --- ## 2. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Form Factor** | 1U / 2U Redundant Module | | **Total Wattage** | 300 Watts | | **Input Voltage** | 90V - 264V AC (Universal Input) | | **Output Rails** | +3.3V, +5V, +12V, -12V, +5Vsb | | **Efficiency Rating** | Typically 80 Plus Gold or Silver equivalent | | **Cooling** | 40mm Dual-Ball Bearing Fans (Internal) | --- ## 3. Protection & Monitoring Circuits The GSA300-R includes several Integrated Circuits (ICs) dedicated to "Health Monitoring": 1. **OVP (Over Voltage Protection):** Shuts down the unit if the output exceeds safe limits (e.g., if the 12V rail hits 13.5V). 2. **OCP (Over Current Protection):** Prevents damage from short circuits or excessive draw. 3. **OTP (Over Temperature Protection):** Thermal sensors trigger a shutdown if the internal heatsinks exceed safe operating temperatures. 4. **TTL Signal (Power Good):** A logic signal sent to the motherboard indicating that the voltages are stable and ready for operation. --- ## 4. The Redundancy Mechanism In a GSA300-R setup, two identical modules are usually plugged into a **Power Distribution Board (PDB)**. * **Hot-Swappable:** The electronic interface allows one module to be pulled out while the other continues to power the system. * **Load Sharing:** The modules balance the current draw equally to reduce electronic stress and heat, extending the lifespan of the capacitors.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 1+1 and an N+1 redundancy setup in these units?
    • ⤷ How do I troubleshoot a 'Fault' LED on a GSA300-R module?
    • ⤷ Are the capacitors in the GSA300-R rated for 105°C or 85°C?