Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • GSA600-R

  • AI
    The **GSA600-R** is a high-performance, compact AC/DC power supply module designed for industrial and telecommunications applications. It is known for its high power density and reliability. Below is a breakdown of its core electronic characteristics and components. --- ### 1. Key Technical Specifications The GSA600-R is typically rated for **600 Watts** of output power. Its internal architecture is designed to handle high-current loads with minimal thermal loss. | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 90V – 264V AC (Universal Input) | | **Output Voltage** | Usually 12V, 24V, or 48V DC (Model dependent) | | **Efficiency** | Up to 94% | | **Cooling** | Forced air cooling (built-in fan) | | **Form Factor** | 1U profile compatible | --- ### 2. Core Electronic Stages The internal circuitry of the GSA600-R is divided into several critical stages: #### A. Input Filtering & PFC Stage * **EMI Filter:** Uses X and Y capacitors and common-mode chokes to suppress electromagnetic interference. * **Active PFC (Power Factor Correction):** Utilizes a boost converter topology to ensure the power factor is near 0.99, reducing harmonic distortion on the AC line. #### B. DC-DC Conversion (The Heart) * **Resonant Topology:** Often employs LLC resonant conversion or similar soft-switching techniques. This reduces switching losses in the MOSFETs, allowing for the high efficiency the unit is known for. * **Main Transformer:** A high-frequency ferrite core transformer provides galvanic isolation between the primary (AC) and secondary (DC) sides. #### C. Secondary Rectification * **Synchronous Rectification:** Instead of standard diodes, the GSA600-R uses MOSFETs on the output side. These MOSFETs are timed to open and close with the waveform, significantly reducing voltage drops and heat generation compared to traditional Schottky diodes. --- ### 3. Monitoring and Protection Circuits The "R" in the model often signifies specific features like **Redundancy** or **Remote** capabilities. The electronic control board includes: * **OR-ing FETs:** Integrated circuitry that allows multiple units to be connected in parallel for N+1 redundancy without back-feeding current. * **I2C / PMBus Interface:** Many versions include a digital communication bus to monitor real-time parameters like temperature, output current, and fan speed. * **Protection Logic:** * **OVP:** Over Voltage Protection. * **OCP:** Over Current Protection (Latching or Hiccup mode). * **OTP:** Over Temperature Protection using internal thermistors. --- ### 4. Physical Connector Layout The module usually features a blind-mate or screw-terminal interface: 1. **AC Input:** Standard 3-pin connection (Line, Neutral, Ground). 2. **DC Output:** High-current bus bars or pins. 3. **Signal Pins:** Low-voltage pins for "Power Good" signals, Remote On/Off, and Current Sharing.
    ✨ Follow-up Questions
    • ⤷ Does the GSA600-R support PMBus for digital power management?
    • ⤷ What is the specific MTBF (Mean Time Between Failures) for this module?
    • ⤷ Can this power supply be used in parallel for N+1 redundancy?