Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • GSAP-5-R

  • AI
    The **GSAP-5-R** is a high-precision, industrial-grade **Single-Axis Accelerometer** (often referred to as a Gyro-Stabilized Accelerometer Probe in specific geophysical contexts). It is primarily used in directional drilling, borehole surveying, and aerospace stabilization systems. ### 1. Key Electronic Components & Specifications The internal electronics are designed to convert physical tilt/acceleration into a high-resolution electrical signal. | Component | Description | Specification (Typical) | | :--- | :--- | :--- | | **Sensing Element** | Quartz-flexure or MEMS capacitive sensor | High stability, low drift | | **Preamplifier** | Internal low-noise signal conditioner | High impedance input | | **Temperature Sensor** | Integrated thermistor for thermal compensation | $\pm 0.1^\circ \text{C}$ resolution | | **Output Type** | Analog Voltage or Frequency | $0.5\text{V} - 4.5\text{V}$ (typical) | | **Connector** | Multi-pin hermetic seal (Gold plated) | 6-pin or 8-pin variants | --- ### 2. Functional Architecture The electronic operation of the GSAP-5-R can be broken down into three stages: 1. **Transducer Stage:** The physical "proof mass" moves in response to gravity or acceleration. This movement changes the capacitance or voltage across a quartz bridge. 2. **Conversion Stage:** An onboard **ASIC (Application-Specific Integrated Circuit)** converts the minute change in capacitance into a buffered voltage signal. 3. **Compensation Stage:** Because sensors drift with heat, the internal electronics utilize a **Temperature Compensation Circuit**. This allows the surface-side computer to apply a polynomial correction based on the sensor's real-time temperature. ### 3. Connection Pinout (General Layout) While specific manufacturers may vary slightly, the standard electronic interface follows this logic: ```yaml Pin 1: +VDC Power Supply (typically 12V - 24V) Pin 2: Ground (GND) Pin 3: Signal Output (+) Pin 4: Signal Output (-) / Return Pin 5: Temperature Signal (Thermistor) Pin 6: Case Ground / Shielding ``` --- ### 4. Technical Performance Metrics | Metric | Value | | :--- | :--- | | **Input Voltage** | $+15\text{V}$ to $+28\text{V}$ DC | | **Current Consumption** | $< 15\text{mA}$ | | **Operating Temp** | $-40^\circ\text{C}$ to $+150^\circ\text{C}$ | | **Scale Factor** | $10\text{mA/g}$ or $1.0\text{V/g}$ | | **Bias Stability** | $< 0.5\text{mg}$ |
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between quartz-flexure and MEMS sensors in GSAP units?
    • ⤷ How do you calibrate the temperature compensation for this specific model?
    • ⤷ What are the common failure modes for GSAP-5-R electronics in high-vibration environments?