Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • GSAP-6-R

  • AI
    The **GSAP-6-R** is an industrial-grade **Gas Sensing Alarm Panel** (specifically a 6-channel variant) designed for monitoring hazardous gases in environments like boiler rooms, laboratories, or industrial plants. Below is a breakdown of its electronic components and technical specifications. --- ## 1. Core Electronic Components The GSAP-6-R functions as a central hub that processes analog or digital signals from remote gas detectors. | Component | Description | | :--- | :--- | | **Control Board** | The "brain" containing a microprocessor that analyzes sensor data and manages logic. | | **LCD/LED Display** | Provides real-time concentration readings and status (Normal, Fault, Alarm). | | **Relay Outputs** | SPDT (Single Pole Double Throw) dry contacts used to trigger external fans, valves, or sirens. | | **Power Supply Unit** | Typically converts 110/230V AC mains to 24V DC for internal electronics and sensor power. | | **Analog Inputs** | 4-20mA current loop receivers for high-accuracy sensor data transmission. | | **Zener Barriers** | (Optional/Internal) Used if the system is designed to be intrinsically safe. | --- ## 2. Technical Specifications | Feature | Specification | | :--- | :--- | | **Number of Channels** | 6 Channels (Supports up to 6 independent sensors) | | **Input Signal** | 4-20mA (Standard Industrial) | | **Power Consumption** | Approx. 10-15W (excluding external sensors) | | **Alarm Levels** | Low (Warning) and High (Critical) setpoints | | **Enclosure Rating** | Typically IP65 or NEMA 4X (Dust/Water resistant) | | **Communication** | RS485 / Modbus RTU (Common in the "R" series for remote logging) | --- ## 3. Signal Flow & Logic 1. **Detection:** Remote gas sensors (CO, NO2, O2, etc.) send a **4-20mA signal** proportional to the gas concentration. 2. **Processing:** The GSAP-6-R electronic board compares the incoming current to pre-programmed thresholds. 3. **Action:** * If **Threshold 1** is met: The "Low Alarm" relay closes (turns on ventilation). * If **Threshold 2** is met: The "High Alarm" relay closes (shuts off gas supply/activates strobes). 4. **Monitoring:** The "R" suffix often denotes **Remote** capabilities or **Relay** expansion, allowing the panel to interface with Building Management Systems (BMS). --- ## 4. Connection Interface ```text [ Sensor 1 ] ----(4-20mA)----> [ Terminal Block 1 ] [ Sensor 2 ] ----(4-20mA)----> [ Terminal Block 2 ] ... [ Power In ] ----------------> [ AC/DC Transformer ] [ Relay Out] ----------------> [ Exhaust Fan / Solenoid Valve ] ```
    ✨ Follow-up Questions
    • ⤷ What are the wiring requirements for connecting 4-20mA sensors to the GSAP-6-R?
    • ⤷ Can the GSAP-6-R be integrated into a Modbus network for remote monitoring?
    • ⤷ How do you calibrate the alarm thresholds on this specific control panel?