Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • GSAP1.6-R

  • AI
    The **GSAP1.6-R** is an Electronic Pressure Regulator (often categorized under Gas Control Systems or Industrial Automation). It is designed to provide high-precision control of gas pressure through an integrated closed-loop electronic system. --- ## 1. Key Electronic Components The GSAP1.6-R functions by integrating mechanical valves with sophisticated electronic feedback loops. | Component | Description | Function | | :--- | :--- | :--- | | **Integrated Transducer** | Internal Silicon Pressure Sensor | Monitors the output pressure in real-time and provides feedback to the controller. | | **Solenoid Valves** | Dual Proportional Solenoid Valves | One valve controls the "Fill" (Inlet) and the other controls the "Vent" (Exhaust). | | **Control Logic (MCU)** | Microprocessor-based PID Controller | Compares the input signal to the feedback signal and adjusts the solenoids to reach the target setpoint. | | **Analog/Digital Interface** | Signal Terminal Block | Receives control signals (0-10V, 4-20mA, or RS485) from a PLC or computer. | --- ## 2. Technical Specifications (Electronic) The electronics are typically designed for industrial environments with high noise immunity. * **Supply Voltage:** Usually 24V DC (Standard for industrial PLC systems). * **Command Signal:** * **Analog:** 0–10 VDC, 0–5 VDC, or 4–20 mA. * **Digital:** Often supports Modbus RTU (RS485) in newer revisions. * **Monitor Output:** Provides a buffered 0–10V or 4-20mA signal back to the PLC to confirm actual pressure. * **Power Consumption:** Typically low (~100mA to 250mA depending on valve activity). --- ## 3. Circuit Block Diagram Logic The electronic workflow of the GSAP1.6-R follows this path: 1. **Input:** The PLC sends a **Set Point** voltage (e.g., 5V for 50% pressure). 2. **Comparison:** The **Comparator Circuit** checks the Internal Transducer voltage against the Set Point. 3. **Correction:** * If Pressure is low $\rightarrow$ Electronic driver opens the **Inlet Solenoid**. * If Pressure is high $\rightarrow$ Electronic driver opens the **Exhaust Solenoid**. 4. **Stability:** Once the signals match, both valves close to maintain a steady pressure "lock." --- ## 4. Connection Interface The GSAP1.6-R usually utilizes a multi-pin connector (like an M12 or a DB9/Terminal Strip). ```text Pin 1: +24V DC (Power) Pin 2: 0V / Common (Ground) Pin 3: Control Signal (+) (0-10V / 4-20mA) Pin 4: Feedback/Monitor Out (+) Pin 5: Signal Ground ``` ---
    ✨ Follow-up Questions
    • ⤷What are the most common failure modes for the GSAP1.6-R electronics?
    • ⤷ Can the GSAP1.6-R be controlled via a Python-based Modbus script?
    • ⤷ How do you calibrate the internal transducer of this regulator?