Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • GSAP100-R

  • AI
    The **GSAP100-R** is a high-performance, single-axis MEMS (Micro-Electro-Mechanical Systems) rate sensor or gyroscope, typically utilized in aerospace, defense, and industrial stabilization applications. It is designed to measure angular velocity with high precision. --- ### Core Electronic Specifications The device integrates sensitive mechanical structures with sophisticated CMOS electronics to provide a reliable output. | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage** | +5.0 VDC (Nominal) | | **Operating Current** | < 20 mA | | **Full Scale Range** | ±100°/sec (Standard configuration) | | **Output Type** | Analog Voltage (DC) | | **Scale Factor** | 20 mV/°/sec (approximate) | | **Bandwidth** | DC to 50 Hz (or 100 Hz depending on version) | --- ### Key Internal Components The GSAP100-R consists of several critical electronic stages: 1. **MEMS Sensing Element:** A micromachined silicon structure that utilizes the **Coriolis Effect**. When the sensor rotates, the vibrating mass experiences a force that causes a displacement proportional to the angular velocity. 2. **Capacitive Pick-off:** The physical displacement is converted into an electrical charge variation via differential capacitors. 3. **ASIC (Application Specific Integrated Circuit):** * **Preamplifier:** Converts the high-impedance charge signal into a voltage. * **Demodulator:** Extracts the rate signal from the high-frequency carrier signal. * **Filtering:** Low-pass filters remove high-frequency noise and mechanical resonance. * **Temperature Compensation:** Internal circuitry adjusts the gain and offset to maintain accuracy across the operating temperature range (usually -40°C to +85°C). --- ### Interface and Pinout The electronic interface is generally straightforward, usually involving a multi-pin connector or solder pads: * **V+ (Power):** Positive supply input. * **GND:** Common ground for power and signal. * **Rate Out:** The primary analog signal output. * **Ref Out:** A reference voltage (often 2.5V) used to determine the "Zero-Rate" point (Bias). * **Built-in Test (BIT):** An input pin used to electronically stimulate the sensor to verify its functionality without physical rotation. --- ### Application Context The electronics are ruggedized to handle high-vibration environments, making the GSAP100-R suitable for: * Antenna and Camera Stabilization. * Flight Control Systems (UAVs/Missiles). * Navigation system augmentation.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the GSAP100-R connector?
    • ⤷ How does the temperature compensation circuit impact the bias stability of this sensor?
    • ⤷ What is the recommended power supply decoupling for reducing electronic noise in the GSAP series?