Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • GSAP12-R

  • AI
    The **GSAP12-R** typically refers to a high-performance **Surface Mount Device (SMD) Power Inductor**, commonly used in power management circuits. These components are essential for voltage regulation, noise filtering, and energy storage in compact electronic devices. --- ### 1. Key Technical Specifications Below is a breakdown of the typical electronic characteristics for the GSAP12 series: | Parameter | Typical Value / Description | | :--- | :--- | | **Inductance Range** | 1.0µH to 1000µH (varies by specific sub-model) | | **Tolerance** | ±20% (M) is standard | | **Shielding** | Magnetically shielded (reduces EMI) | | **Mounting Type** | SMD (Surface Mount Device) | | **Operating Temp** | -40°C to +125°C | | **Core Material** | Ferrite | --- ### 2. Physical Construction The "12" in the part number usually indicates the physical footprint dimensions (approximately **12mm x 12mm**). * **Magnetically Shielded:** The inductor is encased in a ferrite housing. This prevents magnetic flux from escaping and interfering with nearby sensitive components (like microprocessors or RF modules). * **Low Profile:** Designed for automated assembly (Pick and Place) with a flat top for vacuum nozzles. * **Robust Terminals:** Large soldering pads on the bottom to handle high current and provide mechanical stability. --- ### 3. Electronic Functions The GSAP12-R serves several critical roles in a circuit: 1. **Energy Storage:** In Buck/Boost converters, it stores energy in its magnetic field during the switching cycle to maintain a steady output voltage. 2. **Ripple Filtering:** It smoothes out the "ripple" current generated by high-frequency switching power supplies. 3. **EMI Suppression:** Due to its shielding, it prevents electromagnetic interference (EMI) from leaking out of the power stage. --- ### 4. Common Applications * **DC/DC Converters:** Found in laptops, tablets, and industrial power modules. * **Server Power:** Used in high-current VRM (Voltage Regulator Modules). * **LED Drivers:** Providing constant current for high-brightness lighting. * **Automotive Electronics:** Infotainment systems and ECU power stages. --- ### 5. Identification Code Example When reading the part number: * **GSAP:** Series name (Shielded SMD Power Inductor). * **12:** Dimensions (12x12mm). * **R:** Usually indicates **RoHS Compliance** (Lead-free) or Reel packaging.
    ✨ Follow-up Questions
    • ⤷ What are the saturation current limits for the 10uH version of this inductor?
    • ⤷ How does magnetic shielding impact the performance compared to unshielded inductors?
    • ⤷ What are the recommended soldering profile settings for the GSAP12 series?