AI

The **GSAP125-R** refers to a specific series of **Surface Mount (SMD) Glass Sidac High-Voltage Bilateral Triggers**, typically manufactured by companies like Littelfuse or other specialized semiconductor firms. These components are primarily used in high-voltage ignition and pulsing circuits.
---
## 1. Technical Specifications
The following table highlights the general electrical characteristics of the GSAP125-R series:
| Parameter | Value (Typical) | Unit |
| :--- | :--- | :--- |
| **Breakover Voltage ($V_{BO}$)** | 110 - 130 | Volts |
| **Breakover Current ($I_{BO}$)** | 10 - 50 | $\mu$A |
| **Peak On-State Current ($I_{TRMS}$)** | 1.0 | Amperes |
| **Operating Temperature** | -40 to +125 | °C |
| **Package Type** | DO-214AC (SMA) / Glass Passivated | - |
---
## 2. Core Electronic Functions
The GSAP125-R operates as a **Sidac** (Silicon Diode for Alternating Current). It is a multi-layer silicon semiconductor switch that acts as a bidirectional voltage-triggered switch.
### Key Working Principles:
* **Off-State:** Below the breakover voltage ($V_{BO}$), the device remains in a high-impedance state, blocking current flow in both directions.
* **Triggering:** Once the voltage across the terminals exceeds 125V (nominal), the device "breaks over" into a low-impedance (conducting) state.
* **Negative Resistance:** During the transition, it exhibits negative resistance, allowing for a sharp, high-energy pulse.
* **Reset:** The device remains in the conducting state until the current drops below the **Holding Current ($I_H$)**, at which point it resets to the off-state.
---
## 3. Applications
The GSAP125-R is designed for circuits requiring high-energy pulses or high-voltage protection.
* **High-Pressure Sodium (HPS) Lighting:** Used in ignitor circuits to provide the high-voltage spike needed to strike the lamp arc.
* **Gas Appliances:** Electronic ignition for gas water heaters, furnaces, and stoves.
* **Strobe Lights:** Triggering mechanisms for Xenon flash tubes.
* **Pulse Generators:** Capacitive discharge ignition (CDI) systems.
---
## 4. Implementation Example
In a standard relaxation oscillator circuit, the GSAP125-R is used to discharge a capacitor through a transformer:
```text
AC Line In ---> Rectifier ---> Resistor (R1) ---> Capacitor (C1)
|
GSAP125-R (Sidac)
|
Ignition Transformer
```
When the voltage across `C1` reaches the 125V threshold of the GSAP125-R, the Sidac closes, dumping all energy from `C1` into the transformer to create a high-voltage spark.
- ⤷
What are the main differences between a Sidac like the GSAP125-R and a Diac?
- ⤷ How does the holding current impact the choice of GSAP125-R in a circuit?
- ⤷ What are the recommended thermal management practices for SMD Sidacs?