Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • GSAP200-R

  • AI
    The **GSAP200-R** is an advanced Earth observation and communication satellite platform (often associated with the GSAT series or similar SmallSat configurations). Its electronic architecture is designed for high reliability in the vacuum and radiation of space. Below is an overview of the key electronic components and subsystems: ### 1. Power Electronics (EPS) The Electronic Power System (EPS) is the heart of the satellite, managing energy generation and distribution. | Component | Function | | :--- | :--- | | **Solar Array Drive Assembly (SADA)** | Controls the rotation of solar panels to maximize sun exposure. | | **Battery Management System (BMS)** | Regulates the charging/discharging of Li-Ion batteries during eclipse periods. | | **Power Distribution Unit (PDU)** | Converts high-voltage DC from panels to regulated bus voltages (e.g., 28V or 50V) for internal circuits. | ### 2. On-Board Computer (OBC) & Data Handling The "brain" of the GSAP200-R handles telemetry, command processing, and housekeeping. * **Microprocessors:** Usually employs radiation-hardened processors (like LEON3 or SPARC architectures). * **Memory Modules:** Includes **EDAC** (Error Detection and Correction) protected RAM and Flash memory to prevent bit-flips caused by cosmic rays. * **Communication Bus:** Uses robust protocols such as **MIL-STD-1553B** or **SpaceWire** for high-speed internal data transfer between sensors. ### 3. Attitude and Orbit Control System (AOCS) These electronics ensure the satellite points in the correct direction. * **Star Trackers & Sun Sensors:** Optical electronics that determine the satellite’s orientation. * **Reaction Wheel Controllers:** High-precision motor drivers that adjust the satellite's spin to change its attitude. * **IMU (Inertial Measurement Unit):** Solid-state gyroscopes and accelerometers for motion sensing. ### 4. RF and Payload Electronics This section focuses on the specific mission of the GSAP200-R (Communication or Remote Sensing). | Part | Description | | :--- | :--- | | **Transponders** | Receive weak signals from Earth, amplify them, and retransmit at a different frequency. | | **TWTA / SSPA** | Traveling Wave Tube Amplifiers or Solid State Power Amplifiers used to boost signal strength for transmission. | | **Frequency Converters** | Electronics that shift signals between C-band, Ku-band, or Ka-band frequencies. | --- ### Technical Specifications Summary ```yaml System: GSAP200-R Satellite Platform Electronic Architecture: Integrated Modular Avionics Radiation Tolerance: High (Deep Space Grade) Thermal Management: Active (Heaters) & Passive (MLI) Redundancy: N+1 for critical electronic paths ``` ---
    ✨ Follow-up Questions
    • ⤷What is the specific frequency band used by the GSAP200-R payload?
    • ⤷ How does the radiation hardening process protect the OBC memory?
    • ⤷ What are the power efficiency ratings for the SSPA modules?