Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • GSAP375-R

  • AI
    Based on its technical specifications, the **GSAP375-R** typically refers to a high-performance **Surface Mount (SMD) Gas Discharge Tube (GDT)**, often utilized in telecommunications and industrial power protection circuits. Below is an explanation of its core electronic characteristics and components. --- ### 1. Key Technical Specifications A Gas Discharge Tube acts as a high-speed switch that diverts surge currents to the ground when a voltage threshold is exceeded. | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **DC Spark-over Voltage** | 375V (±20%) | The voltage at which the tube begins to conduct. | | **Impulse Spark-over Voltage** | < 900V | The maximum voltage before conduction during a fast spike (1kV/µs). | | **Insulation Resistance** | > 1 GΩ | Resistance when the device is in a non-conducting state. | | **Capacitance** | < 1.0 pF | Extremely low, making it ideal for high-speed data lines. | | **Discharge Current** | 5kA - 10kA | The amount of surge current it can handle (8/20µs waveform). | --- ### 2. Physical Construction The "GSAP" series usually employs a **two-electrode** ceramic-to-metal seal construction: * **Ceramic Body:** Provides high insulation and thermal stability. * **Internal Gas:** Contains a specialized noble gas mix that ionizes at a specific breakdown voltage. * **Electrodes:** Usually tin-plated or silver-plated for high conductivity and easy soldering (SMD format). --- ### 3. Electronic Functionality The GSAP375-R operates in three distinct stages during an overvoltage event: 1. **High Impedance State:** Under normal operating voltages (<375V), the device acts as an open circuit with nearly zero leakage current. 2. **Glow Region:** As the voltage rises to the spark-over point, the gas begins to ionize, and current starts to flow. 3. **Arc Mode:** Once the current exceeds a certain threshold, the device enters a low-impedance "Arc" state, effectively shorting the surge to the ground and protecting downstream components. --- ### 4. Common Applications Due to its low capacitance and high current handling, it is found in: * **Modems and Routers:** Protecting RJ11/RJ45 ports. * **Power Supplies:** Secondary protection against atmospheric transients. * **CCTV Systems:** Shielding video signal lines from lightning surges. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a GDT like the GSAP375-R and a TVS diode?
    • ⤷ How does the 'R' suffix impact the packaging or RoHS compliance of this part?
    • ⤷ What are the recommended soldering profiles for SMD Gas Discharge Tubes?