Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • GSAP4-R

  • AI
    The **GSAP4-R** is a specific electronic component typically identified as a **Gas Discharge Tube (GDT)** surge arrestor. These components are critical for protecting sensitive electronic circuits from high-voltage transients, such as lightning strikes or industrial power surges. --- ### 1. Component Overview The GSAP4-R belongs to a category of overvoltage protection devices. It functions as a "crowbar" device, meaning it switches to a low-impedance state when a specific breakdown voltage is reached. ### 2. Technical Specifications Below are the typical electronic characteristics of a GSAP4-R series protector: | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **DC Spark-over Voltage** | The voltage at which the tube begins to conduct. | ~400V (varies by sub-model) | | **Impulse Discharge Current** | The maximum current the device can handle in a short pulse. | 5kA - 20kA | | **Insulation Resistance** | Resistance when the device is in a non-conducting state. | > 1 GΩ | | **Capacitance** | The internal capacitance (important for high-speed data). | < 1.0 pF | | **Operating Temperature** | The environmental range for safe operation. | -40°C to +90°C | --- ### 3. Key Electronic Features * **Low Capacitance:** Because it has extremely low capacitance (often less than 1pF), it does not distort signals. This makes it ideal for high-frequency applications like broadband or telecommunications. * **High Surge Capability:** Despite its small size, it can divert thousands of amperes of current to the ground. * **Bipolar Operation:** It protects against both positive and negative voltage spikes. ### 4. How it Works (The Physics) 1. **Idle State:** Under normal operating voltages, the gas inside the tube (usually a noble gas mix) acts as an insulator. 2. **Ionization:** When a high-voltage spike occurs, the gas ionizes and becomes a conductor. 3. **Arc Phase:** The tube enters an "arc" state, creating a virtual short circuit that shunts the excess energy to the ground. 4. **Reset:** Once the voltage drops below the "holdover" level, the gas de-ionizes and the device returns to its high-impedance state. --- ### 5. Common Applications * **Telecommunications:** Protecting phone lines and ADSL/VDSL equipment. * **Power Supplies:** Input protection for AC/DC converters. * **Industrial Equipment:** Protecting PLCs and sensor data lines. * **Antennas:** Safeguarding RF signal paths from atmospheric electricity.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a GDT like GSAP4-R and a TVS diode?
    • ⤷ How do you test if a GSAP4-R is still functional?
    • ⤷ Can the GSAP4-R be used in series with a Varistor (MOV)?