Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • GSAP700-R

  • AI
    The **GSAP700-R** is a specialized high-voltage power supply module typically used in industrial and scientific applications, such as electrostatic precipitation, ion implantation, or laboratory testing. Below is a breakdown of the electronic components and architecture typically found in this series. --- ## 1. Core Electronic Specifications The GSAP700-R is characterized by its high-precision regulation and stability. | Parameter | Specification (Typical) | | :--- | :--- | | **Output Voltage** | 0 to 700V (Adjustable) | | **Output Current** | ~1mA to 10mA (Load dependent) | | **Polarity** | Reversible (indicated by the "-R" suffix) | | **Control Interface** | Analog (0-10V) or Digital (RS-232/USB) | | **Efficiency** | >85% at full load | --- ## 2. Key Internal Electronic Subsystems ### A. High-Frequency Inverter Stage To minimize size and weight, the unit uses a high-frequency switching topology. * **MOSFETs/IGBTs:** Used for high-speed switching of the input DC rail. * **PWM Controller:** Regulates the duty cycle to maintain a stable output voltage regardless of input fluctuations. ### B. High-Voltage Multiplier (Cockcroft-Walton Circuit) The GSAP700-R utilizes a series of diodes and capacitors to "step up" the voltage from the transformer. * **HV Diodes:** Fast recovery diodes designed to handle peak inverse voltages. * **Ceramic Capacitors:** Low ESR, high-stability capacitors used for energy storage and filtering. ### C. Feedback and Control Loop This ensures the output remains at the precise setpoint. * **Voltage Divider:** A high-precision resistor network that scales the 700V output down to a low-level signal (e.g., 0-5V) for the microcontroller. * **Error Amplifier:** Compares the feedback signal against the reference voltage to adjust the PWM signal in real-time. ### D. Protection Circuitry * **Arc Protection:** Detects sudden drops in impedance (arcing) and temporarily shuts down the output to prevent hardware damage. * **Current Limiting:** Protects the internal components if the load exceeds the rated capacity. --- ## 3. Connectivity and Control The electronic interface for the GSAP700-R usually includes: * **DB-9 or DB-25 Connector:** Used for remote monitoring of voltage and current. * **Potentiometers:** (On some models) Multi-turn trimmers for manual fine-tuning of the output. * **Isolation Transformers:** Provides galvanic isolation between the high-voltage section and the control logic. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the GSAP700-R control interface?
    • ⤷ How does the 'Reversible' polarity mechanism work electronically in this model?
    • ⤷ What are the thermal management requirements for operating this unit at full capacity?