Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • GWIXP425ADT

  • AI
    The **Intel IXP425 (GWIXP425ADT)** belongs to the IXP42x product line of network processors. These chips were designed based on the **Intel XScale microarchitecture** (compliant with ARM v5TE) and were widely used in networking equipment like gateways, routers, and industrial controllers. Below is a breakdown of the electronic components and specifications associated with this part. --- ### 1. Technical Specifications The GWIXP425ADT is characterized by its integration of a high-performance CPU core with specialized hardware accelerators. | Feature | Specification | | :--- | :--- | | **Core Architecture** | Intel XScale (ARMv5TE compliant) | | **Clock Speed** | Typically 266 MHz to 533 MHz | | **Instruction Cache** | 32 KB | | **Data Cache** | 32 KB | | **Memory Controller** | SDRAM (up to 256MB), 100/133 MHz | | **Package Type** | 492-pin PBGA (Plastic Ball Grid Array) | | **Operating Voltage** | 1.3V (Core), 3.3V (I/O) | --- ### 2. Key Internal Functional Blocks The "ADT" variant includes specific hardware features for networking and security: * **Network Processor Engines (NPEs):** Three dedicated co-processors that handle Ethernet MAC filtering, ATM cell processing, and HSS (High-Speed Serial) tasks to offload the main CPU. * **Cryptography Accelerator:** Hardware-based encryption/decryption supporting DES, 3DES, and AES (crucial for VPN and Secure Gateway applications). * **PCI Controller:** A 32-bit, 33/66 MHz PCI 2.2 host interface for connecting external peripherals like Wi-Fi cards or extra Ethernet controllers. * **Peripheral Interfaces:** * **UARTs:** Dual high-speed UARTs for console and data. * **GPIO:** General Purpose I/O pins for custom signaling. * **I2C/SMBus:** For managing onboard sensors or EEPROMs. --- ### 3. Application and Usage The "GW" prefix often denotes "Gateway," indicating its target market. You will typically find this part on a PCB surrounded by the following support electronics: 1. **SDRAM Chips:** External memory used for system operations. 2. **Flash Memory:** (Parallel or Serial) to store the bootloader (like RedBoot) and the firmware (often Linux-based). 3. **Ethernet PHYs:** Transceivers that convert the NPE's digital signals into physical electrical signals for RJ45 ports. 4. **Voltage Regulators:** To step down power from a 12V/5V input to the 1.3V required by the XScale core. --- ### 4. Code Example (Register Access) Programming the IXP425 often involves memory-mapped I/O to control the hardware accelerators. Below is a conceptual example in C for accessing a register: ```c #define IXP425_GPIO_BASE 0xC8004000 #define IXP425_GPIO_GPOUTR (IXP425_GPIO_BASE + 0x00) // Example: Setting a GPIO pin high void set_gpio_high(int pin_mask) { volatile unsigned int *reg = (unsigned int *)IXP425_GPIO_GPOUTR; *reg |= pin_mask; // Write to the Output Register } ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the IXP420 and the IXP425?
    • ⤷ Is the Intel IXP425 still in active production or is it EOL?
    • ⤷ Which Linux kernels provide the best support for the XScale IXP4xx architecture?