Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • H1M113N-R

  • AI
    The **H1M113N-R** is an N-Channel Enhancement Mode Power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) commonly used in power management and switching applications. --- ### ## Technical Specifications Below are the primary electrical characteristics typical for this specific component: | Parameter | Symbol | Value (Approx.) | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DS}$ | 30V | | **Continuous Drain Current** | $I_D$ | 110A - 130A | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | ~1.3mΩ @ $V_{GS}=10V$ | | **Gate-Source Voltage** | $V_{GS}$ | ±20V | | **Package Type** | Package | TO-220 or PDFN5x6 | --- ### ### Key Electronic Features 1. **Ultra-Low $R_{DS(on)}$:** The extremely low resistance when the transistor is "ON" minimizes power dissipation as heat, making it highly efficient for high-current applications. 2. **High-Speed Switching:** Designed with low gate charge ($Q_g$), allowing the device to turn on and off rapidly, which is essential for modern DC-DC converters. 3. **Trench Technology:** Usually fabricated using advanced Trench technology to achieve high cell density, which improves current density and thermal performance. 4. **Logic Level Compatibility:** It is often designed to be fully turned on by logic-level voltages (e.g., 4.5V to 10V), making it compatible with various microcontrollers and PWM controllers. --- ### ### Common Applications * **Power Supplies:** Used in Synchronous Rectification for AC/DC and DC/DC converters. * **Battery Protection:** Ideal for Battery Management Systems (BMS) in power tools or electric vehicles due to high current handling. * **Motor Control:** Used in H-Bridge circuits for driving DC motors. * **Load Switching:** Acts as a high-efficiency electronic switch for heavy loads in industrial environments. --- ### ### Typical Circuit Implementation In a basic switching circuit, the H1M113N-R is connected as follows: ```cpp // Schematic Logic [Power Source (+)] ---> [Load] ---> [Drain (D)] [Ground] <------------------------- [Source (S)] [Control Signal] ----> [Gate (G)] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the H1M113N-R?
    • ⤷ Can you provide a comparison between H1M113N-R and a standard IRF3205?
    • ⤷ What are the recommended gate driver requirements for this MOSFET?