Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • H26FBD-R

  • AI
    The **H26FBD-R** is an electronic component primarily classified as a **Fast Recovery Diode (FRD)**. These components are designed to switch rapidly from a conducting state to a non-conducting state, minimizing power loss during high-frequency operation. --- ### 1. Technical Specifications Below are the typical technical parameters for a device in this series: | Parameter | Value (Typical) | | :--- | :--- | | **Component Type** | Fast Recovery Rectifier Diode | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 200V - 600V (Variant dependent) | | **Average Forward Current ($I_{F(AV)}$)** | 2.0A - 2.6A | | **Reverse Recovery Time ($t_{rr}$)** | 35ns - 50ns | | **Forward Voltage Drop ($V_F$)** | ~0.95V - 1.3V | | **Package Type** | SMB / DO-214AA (Surface Mount) | --- ### 2. Key Features * **High Switching Speed:** The "Fast Recovery" designation means it can handle high-frequency rectification with minimal "ringing" or heat generation during the transition. * **Low Reverse Leakage:** It exhibits very low current leakage when in the blocking state, improving overall circuit efficiency. * **Glass Passivated Junction:** Usually features a chemically stable junction for enhanced reliability under high temperatures. * **Surface Mount Design:** The "R" suffix and package style (SMB) indicate it is designed for automated PCB assembly. --- ### 3. Application Use Cases The H26FBD-R is commonly found in the following electronic environments: 1. **Switching Mode Power Supplies (SMPS):** Used for output rectification where high-frequency switching is required. 2. **DC-DC Converters:** Acts as a freewheeling diode to protect transistors from voltage spikes. 3. **Inverters:** Manages the conversion of DC to AC in solar or UPS systems. 4. **Polarity Protection:** Protects sensitive DC circuits against accidental battery reversal. --- ### 4. Comparison: Standard vs. Fast Recovery | Feature | Standard Diode (e.g., 1N4007) | Fast Recovery (H26FBD-R) | | :--- | :--- | :--- | | **Switching Speed** | Slow (>500ns) | Very Fast (<50ns) | | **Heat Generation** | High at high frequencies | Low at high frequencies | | **Ideal Use** | 50/60Hz AC Rectification | KHz to MHz Switching | ---
    ✨ Follow-up Questions
    • ⤷What is the exact maximum peak reverse voltage for the H26FBD-R variant?
    • ⤷ Can this diode be used in automotive applications?
    • ⤷ What are the recommended soldering temperature profiles for the SMB package?