H2C-R
AI

The **H2C-R** is a specific model of a **Motor-Driven Quartz Timer** manufactured by Omron. It is an electromechanical-electronic hybrid device used in industrial automation to control the timing of electrical circuits.
Below is a detailed breakdown of its electronic and mechanical parts.
---
### 1. Core Component Breakdown
| Component | Description | Function |
| :--- | :--- | :--- |
| **Quartz Crystal Oscillator** | The heart of the timing circuit. | Provides a high-frequency stable vibration for precise timekeeping. |
| **Frequency Divider (IC)** | A specialized integrated circuit. | Scales down the high-frequency quartz pulses into usable time units (seconds/minutes/hours). |
| **Synchronous Motor** | A small AC motor. | Converts electrical pulses into mechanical rotation to drive the display/gears. |
| **Output Relay** | SPDT (Single Pole Double Throw) switch. | The physical interface that opens or closes the external load circuit. |
| **Setting Dial** | Mechanical potentiometer/gear interface. | Allows the user to manually set the desired time duration. |
---
### 2. Electronic Operating Principle
The H2C-R operates through a multistage process:
1. **Signal Generation:** The internal quartz crystal oscillates at a specific frequency when voltage is applied. This is significantly more accurate than standard RC (Resistor-Capacitor) timers.
2. **Processing:** The internal IC counts these oscillations. Once the count matches the setting determined by the front dial, the IC sends a signal to the motor or the output trigger.
3. **Mechanical Actuation:** The motor drives a gear train that moves the "time elapsed" pointer.
4. **Output Switching:** Once the pointer reaches the zero point or the set point (depending on the mode), a mechanical cam triggers the internal relay, switching the contacts from **NO (Normally Open)** to **NC (Normally Closed)**.
---
### 3. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Mounting Type** | Surface, Flush, or DIN Track |
| **Terminal Type** | 8-Pin or 11-Pin (depending on sub-model) |
| **Operating Voltages** | 100/110/120 VAC or 200/220/240 VAC |
| **Time Ranges** | Multi-range (typically 0.2s to 30h) |
| **Reset System** | Power-off reset or external signal reset |
---
### 4. Circuit Diagram Representation (Simplified)
```text
[ Power Input ] ----> [ Rectifier/Regulator ] ----> [ Quartz Oscillator ]
|
[ Frequency Divider IC ]
|
[ Output Load ] <---- [ Relay Contacts ] <--------- [ Driver Motor ]
```
---
### 5. Key Advantages of the H2C-R Design
* **High Repeat Accuracy:** Because it uses a quartz oscillator, the error margin is extremely low (typically $\pm0.2\%$).
* **Visual Feedback:** Unlike digital timers, the H2C-R provides a moving pointer, allowing operators to see exactly how much time remains at a glance.
* **Noise Immunity:** The mechanical nature of the output makes it less susceptible to electromagnetic interference (EMI) compared to pure solid-state relays.
- ⤷
What is the difference between the H2C-R and the H3CR series timers?
- ⤷ How do I wire the 8-pin base for a delayed-on operation?
- ⤷ Can the H2C-R be used for DC voltage applications?