Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • H5TC4G83CFR-RDA

  • AI
    ## Technical Overview: H5TC4G83CFR-RDA The **H5TC4G83CFR-RDA** is a high-performance, low-voltage synchronous dynamic random-access memory (DRAM) chip manufactured by **SK hynix**. It belongs to the **DDR3L SDRAM** family. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Density** | 4 Gigabits (4Gb) | | **Configuration** | 512M x 8 bits | | **Memory Type** | DDR3L (Low Voltage DDR3) | | **Voltage (VDD/VDDQ)** | 1.35V (Standard) / 1.5V (Compatible) | | **Speed Grade** | DDR3-1600 (PC3-12800) | | **Clock Frequency** | 800 MHz | | **CAS Latency (CL)** | 11 | | **Package Type** | 78-ball FBGA | | **Operating Temp** | Commercial (0°C to 95°C) | --- ### 2. Functional Characteristics * **Low Voltage Operation:** The "L" in DDR3L signifies it operates primarily at **1.35V**, providing approximately 20% power savings over standard 1.5V DDR3 memory. * **Architecture:** It utilizes an **8n-prefetch architecture** to achieve high-speed data transfer. * **Differential Strobe:** It uses differential data strobes (DQS and /DQS) to improve signal integrity at high frequencies. * **Auto Self Refresh:** Supports high-efficiency refresh cycles to maintain data integrity with minimal power draw during idle states. --- ### 3. Pinout and Physical Interface The chip uses a **Fine-pitch Ball Grid Array (FBGA)** layout. Common pin groups include: 1. **Address Inputs (A0-A14):** Used to select the specific row and column in the memory array. 2. **Data I/O (DQ0-DQ7):** The 8-bit bidirectional data bus for reading and writing. 3. **Control Signals:** Includes `RAS` (Row Address Strobe), `CAS` (Column Address Strobe), `WE` (Write Enable), and `CS` (Chip Select). 4. **Power/Ground:** Multiple `VDD` and `VSS` pins to ensure stable power delivery across the die. --- ### 4. Part Number Decoder Understanding the SK hynix nomenclature for this specific part: | Code Segment | Meaning | | :--- | :--- | | **H5TC** | SK hynix DDR3L SDRAM (1.35V) | | **4G** | 4 Gigabit Density | | **83** | x8 bit Organization | | **C** | 3rd Generation (C-die) | | **FR** | FBGA (Lead-Free & Halogen-Free) | | **RD** | Speed: DDR3-1600 (11-11-11) | | **A** | Operating Temperature (Commercial) | ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between DDR3 and DDR3L in terms of motherboard compatibility?
    • ⤷ Can you provide the specific timing parameters like tRCD and tRP for the RDA speed grade?
    • ⤷ How does the x8 configuration differ from a x16 configuration in 4Gb chips?