Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • H5TC4G83CFR-RDL

  • AI
    The **H5TC4G83CFR-RDL** is a specific model of Double Data Rate 3 (DDR3L) Synchronous Dynamic Random Access Memory (SDRAM) manufactured by **SK hynix**. --- ### 1. Key Technical Specifications Below is a breakdown of the primary technical parameters for this specific part number: | Feature | Specification | | :--- | :--- | | **Density** | 4 Gigabits (4Gb) | | **Organization** | 512Mb x 8 (8 Banks) | | **Generation** | DDR3L (Low Voltage DDR3) | | **Voltage (VDD/VDDQ)** | 1.35V (Backward compatible to 1.5V) | | **Speed Grade** | 1600 Mbps (PC3L-12800) | | **Package Type** | 78-ball FBGA | | **Temperature** | Commercial (0°C to 95°C) | --- ### 2. Part Number Decoder Understanding the "CFR-RDL" suffix helps identify the exact performance characteristics: * **H5TC**: SK hynix Low Power DDR3 SDRAM. * **4G**: 4 Gigabit capacity. * **83**: x8 Bit organization. * **C**: 3rd Generation (Revision). * **FR**: FBGA (Fine-pitch Ball Grid Array), Lead-Free & Halogen-Free. * **RD**: Speed grade (DDR3-1600 / 11-11-11 timing). * **L**: Low Power (1.35V). --- ### 3. Key Functional Features * **Low Voltage Operation:** As a "DDR3L" part, it operates at **1.35V**, providing a significant power reduction compared to standard 1.5V DDR3 memory. * **Data Transfer Rate:** It supports a clock frequency of **800 MHz**, resulting in a data rate of **1600 MT/s**. * **Refresh Cycles:** Supports Auto Refresh and Self Refresh modes to maintain data integrity. * **ZQ Calibration:** Includes an external pin for calibration to ensure output driver impedance and On-Die Termination (ODT) values are accurate over voltage and temperature shifts. * **Fly-by Topology:** Optimized signal integrity for high-speed command, address, and control signals. --- ### 4. Common Applications This chip is typically found in: * **Laptops and Ultrabooks:** Due to its low power consumption (DDR3L). * **Embedded Systems:** Industrial PCs, routers, and high-end IoT gateways. * **Single Board Computers (SBCs):** Often used in custom PCB designs requiring high-density RAM. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between H5TC4G83CFR and H5TC4G63CFR?
    • ⤷ Can this DDR3L chip be used in a standard 1.5V DDR3 slot?
    • ⤷ What are the pinout differences for the 78-ball FBGA package?