Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HA-101-API

  • AI
    The **HA-101-API** generally refers to an addressable interface module or an alarm peripheral commonly used in fire detection and security systems. Below is a breakdown of its electronic components, functions, and technical specifications. --- ## 1. Core Electronic Components The HA-101-API is an "Addressable Peripheral Interface." It acts as a bridge between the central control panel and non-addressable (conventional) devices. | Component | Function | | :--- | :--- | | **Microprocessor** | The "brain" that processes digital signals from the control panel and manages device ID logic. | | **EEPROM/DIP Switches** | Used to store the unique hardware address (ID) so the system knows exactly which unit is reporting. | | **Opto-Isolators** | Protects the internal circuitry from high-voltage spikes or surges on the loop line. | | **Relay/Switching Circuit** | A physical or solid-state switch that triggers the connected external equipment. | | **LED Indicators** | Usually red or green LEDs to indicate "Power/Normal" (blinking) or "Alarm/Active" (steady). | --- ## 2. Technical Specifications These devices are typically designed to operate on a 2-wire signaling loop. * **Operating Voltage:** 17V – 30V DC (Powered by the SLC/Signaling Line Circuit). * **Standby Current:** Low consumption (usually < 1mA) to allow hundreds of devices on one loop. * **Input/Output:** * *Input:* Monitors dry contact closures (like a flow switch). * *Output:* Provides a dry contact relay for auxiliary control. * **Communication Protocol:** Digital polling (proprietary to the manufacturer). --- ## 3. Connectivity Diagram (Conceptual) The following represents how the electronic parts are interfaced within a system: ```mermaid graph LR A[Fire Alarm Panel] -- 2-Wire Loop --- B(HA-101-API Module) B -- Input --- C[Conventional Smoke Detector] B -- Output --- D[Fire Door / AHU Shutdown] ``` --- ## 4. Key Features 1. **Addressability:** Each unit has a unique address, allowing the panel to pinpoint the exact location of a triggered event. 2. **Loop Powering:** It draws power directly from the data lines, eliminating the need for local power supplies in many cases. 3. **Supervision:** The electronic circuitry monitors for "Open" or "Short" circuits on the wiring connected to the external device. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring requirements for the HA-101-API loop?
    • ⤷ How do you set the hardware address on this interface module?
    • ⤷ Is the HA-101-API compatible with both Analog and Digital loops?