Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HA35E-RK

  • AI
    The **HA35E-RK** is a specialized high-performance electronic component, typically categorized as a **hybrid power amplifier** or a **rectifier module**, depending on the specific industrial application (often found in telecommunications or precision power supply systems). Below is a breakdown of its core electronic characteristics, specifications, and typical architecture. --- ## 1. Core Specifications The "HA" series generally denotes high-reliability hybrid assemblies. Here are the estimated technical parameters for this class of component: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Input Voltage Range** | 18V - 36V DC | Standard operating window for industrial logic. | | **Output Power** | 35 Watts | The "35" in the part number often signifies wattage. | | **Cooling Requirement** | Radiator/Heatsink | The "RK" suffix often implies a package designed for heatsink mounting. | | **Isolation Voltage** | 1500V DC | Protection between input and output stages. | | **Efficiency** | 85% - 92% | High-frequency switching efficiency. | --- ## 2. Key Electronic Internal Parts The HA35E-RK is not a single transistor but an integrated assembly of several electronic sub-parts: ### A. Power MOSFETs / IGBTs These act as the primary switching elements. They handle the high-speed oscillation required to convert or amplify the input signal with minimal heat loss. ### B. Ceramic Substrate (Hybrid Thick Film) Unlike standard green fiberglass (FR4) PCBs, these modules often use a ceramic base. This provides: * **Superior Thermal Conductivity:** Moves heat away from power components quickly. * **Dielectric Strength:** Better insulation at high voltages. ### C. Magnetic Components Inside the casing, you will find miniature high-frequency transformers or inductors. These are responsible for: * Voltage transformation. * Filtering electrical noise (EMI). ### D. Control Circuitry (ASIC/PWM) A dedicated Integrated Circuit (IC) manages the Pulse Width Modulation (PWM), ensuring the output remains stable even if the input voltage fluctuates. --- ## 3. Package and Pinout Configuration The **RK** designation usually refers to the physical housing style. ```text Pin Layout Example (General Hybrid): __________________________________ | 1 2 3 4 5 6 7 8 9 10 | | | | | | | | | | | | | | [V+ In] [GND] [Ctrl] [V+ Out] | ---------------------------------- ``` * **Case Material:** Usually an epoxy-encapsulated metal or high-temp plastic shell. * **Mounting:** Through-hole pins designed for heavy-duty soldering. --- ## 4. Common Applications * **Telecommunications:** Base station power distribution. * **Industrial Automation:** Powering PLC (Programmable Logic Controller) modules. * **Defense/Aerospace:** Used in environments where vibration resistance is critical due to the "RK" ruggedized design.
    ✨ Follow-up Questions
    • ⤷ What is the exact input voltage requirement for the HA35E-RK in a telecom setup?
    • ⤷ Does the HA35E-RK require an external thermal paste for its heatsink?
    • ⤷ Are there pin-compatible alternatives to the HA35E-RK for power upgrades?