Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HAS-56-R/Q

  • AI
    The **HAS-56-R/Q** refers to a high-speed, high-resolution Digital-to-Analog Converter (DAC) module, originally manufactured by companies like Analog Devices (Computer Labs division). This part was historically significant in military and high-end industrial signal processing. ### 1. Key Technical Specifications The "56" in the part number typically denotes its resolution capability (12-bit) within its specific series architecture. | Parameter | Typical Value | | :--- | :--- | | **Resolution** | 12-Bit | | **Settling Time** | 50 ns to 200 ns (depending on accuracy range) | | **Update Rate** | Up to 20 MHz | | **Input Logic** | TTL/CMOS Compatible | | **Package Type** | DIP (Dual In-line Package) or Metal Header | | **Operating Temperature** | -55°C to +125°C (Military Grade for 'Q' suffix) | --- ### 2. Internal Architecture The device is a **Hybrid DAC**, meaning it combines several discrete components and integrated circuits inside a single hermetically sealed package to achieve performance that monolithic (single-chip) ICs of that era could not reach. * **R-2R Ladder Network:** Uses precision thin-film resistors to ensure linearity. * **Current Switches:** High-speed bipolar transistors designed to switch currents into the ladder network with minimal glitch impulse. * **Internal Reference:** Often includes a buried Zener voltage reference for stability against temperature drifts. * **Output Amplifier:** A high-slew-rate operational amplifier is usually integrated to convert current output to a usable voltage levels. --- ### 3. Suffix Meanings (R/Q) In the context of high-reliability electronic components: 1. **"R" Suffix:** Usually denotes a specific revision of the internal circuitry or a high-reliability screening process. 2. **"Q" Suffix:** Often indicates **MIL-STD-883** compliant processing. This means the part underwent rigorous environmental testing (thermal cycling, mechanical shock, and burn-in) suitable for aerospace and defense applications. --- ### 4. Common Applications Due to its high speed and precision, the HAS-56 series was widely used in: * **Radar Signal Generation:** Creating complex waveforms for defense systems. * **CRT Displays:** Driving high-resolution vector graphics in cockpit displays. * **Automatic Test Equipment (ATE):** Providing precise reference voltages for testing other semiconductors. * **Telecommunications:** Early high-speed modulation tasks.
    ✨ Follow-up Questions
    • ⤷What are the modern pin-compatible replacements for the HAS-56 series?
    • ⤷ How does the settling time of the HAS-56 compare to modern CMOS DACs?
    • ⤷ What are the specific power supply requirements for the HAS-56-R/Q?