Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HAS-A5-R

  • AI
    The **HAS-A5-R** is a high-precision, open-loop Hall Effect Current Transducer. It is designed for measuring DC, AC, and pulsed currents with galvanic isolation between the primary circuit (high power) and the secondary circuit (electronic control). --- ## 1. Technical Specifications The following table summarizes the key electrical characteristics of the HAS-A5-R: | Parameter | Specification | | :--- | :--- | | **Primary Nominal Current ($I_{pn}$)** | 50 A | | **Measuring Range ($I_{pm}$)** | ± 150 A | | **Supply Voltage ($V_c$)** | +5 V (Unipolar) | | **Output Voltage ($V_{out}$)** | $V_{ref}$ ± (0.625 · $I_p$ / $I_{pn}$) V | | **Reference Voltage ($V_{ref}$)** | 2.5 V (Internal or External) | | **Accuracy** | ± 1% at $25^\circ C$ | | **Frequency Bandwidth** | DC to 50 kHz | --- ## 2. Operating Principle The sensor operates based on the **Hall Effect principle**. When current flows through a primary conductor, it generates a magnetic field. 1. **Hall Element:** A thin semiconductor (the Hall element) is placed in the magnetic circuit gap. 2. **Signal Conditioning:** The magnetic field induces a small voltage across the Hall element. 3. **Amplification:** The internal electronics amplify this small voltage to provide a usable analog signal proportional to the primary current. 4. **Isolation:** There is no physical connection between the 50A current path and the 5V monitoring circuit, providing safety and noise immunity. --- ## 3. Pin Configuration and Integration The device is typically mounted on a PCB and features the following interface pins: ### Pinout Description * **V+:** Positive power supply (+5V). * **0V:** Ground/Common. * **Vout:** Analog voltage output proportional to the current. * **Vref:** Reference voltage input/output (allows for ratiometric measurements). ### Key Features for Engineers * **Compact Footprint:** Small size allows for high-density PCB placement. * **Low Power Consumption:** Optimized for energy-efficient monitoring systems. * **Unipolar Power:** Operates on a single 5V rail, simplifying power supply design compared to dual-rail sensors. --- ## 4. Typical Applications The HAS-A5-R is commonly found in the following electronic systems: * **Variable Speed Drives:** For motor control and phase current sensing. * **UPS Systems:** Monitoring battery discharge and load currents. * **Solar Inverters:** Tracking DC input from panels and AC output. * **Welding Power Supplies:** Managing high-current output stability.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between open-loop and closed-loop Hall Effect sensors?
    • ⤷ How do I calibrate the Vref pin for ratiometric measurements?
    • ⤷ What is the thermal drift performance of the HAS-A5-R?