Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HC-R

  • AI
    It appears you are referring to the **HC-SR04**, which is one of the most popular ultrasonic distance sensors used in electronics and robotics. --- ## 1. Core Component Overview The HC-SR04 is a module that uses sonar to determine the distance to an object. It consists of four main electronic sections: | Component | Function | | :--- | :--- | | **Ultrasonic Transmitter** | Converts electrical signals into 40kHz sound waves. | | **Ultrasonic Receiver** | Listens for the reflected echo of the sound waves. | | **Control Circuit** | Manages the timing, signal processing, and calculation. | | **Pin Header** | 4-pin interface (VCC, Trig, Echo, GND). | --- ## 2. Technical Specifications Understanding the electronic limits is crucial for preventing damage to the module. | Parameter | Specification | | :--- | :--- | | **Operating Voltage** | DC 5V | | **Operating Current** | 15mA | | **Operating Frequency** | 40Hz | | **Max Range** | 4m | | **Min Range** | 2cm | | **Ranging Angle** | 15 degrees | | **Input Trigger Signal** | 10µs TTL pulse | --- ## 3. How the Electronics Work (The Sequence) The module operates through a specific electronic handshake with a microcontroller (like an Arduino): 1. **Triggering:** The microcontroller sends a high pulse (5V) to the **Trig** pin for at least 10 microseconds. 2. **Sonic Burst:** The internal control circuit emits eight pulses of ultrasonic sound at 40 kHz. 3. **Echo High:** The **Echo** pin goes "HIGH" the moment the sound is sent. 4. **Reflection:** When the sound hits an object and returns to the receiver, the **Echo** pin goes "LOW." 5. **Calculation:** The distance is calculated based on the duration the Echo pin remained HIGH. ### The Formula To calculate the distance in centimeters: `Distance = (Time x Speed of Sound) / 2` *(We divide by 2 because the sound travels to the object and back).* --- ## 4. Basic Wiring Diagram (Code Style) To connect this to a microcontroller, use the following logic: ```cpp // Typical Arduino Pin Definition #define trigPin 9 #define echoPin 10 void setup() { pinMode(trigPin, OUTPUT); // Sends the pulse pinMode(echoPin, INPUT); // Receives the echo } ``` ---
    ✨ Follow-up Questions
    • ⤷ How do I wire the HC-SR04 to a 3.3V device like an ESP32 or Raspberry Pi?
    • ⤷ What are the most common causes of inaccurate readings in ultrasonic sensors?
    • ⤷ Is there a waterproof version of the HC-SR04 for outdoor use?