HC1-3R6-R
AI

## Detailed Overview of the HC1-3R6-R Component
The **HC1-3R6-R** is a high-current, power inductor commonly used in voltage regulator modules (VRMs) and DC-DC converters. It is manufactured by **Eaton (formerly Cooper Bussmann)** under the Coiltronics product line.
---
### 1. Key Technical Specifications
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 3.6 µH |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | ~14.6 Amperes |
| **Saturation Current (Isat)** | ~14.6 Amperes |
| **DC Resistance (DCR)** | 4.8 mΩ (Max) |
| **Operating Temperature** | -40°C to +125°C |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Package / Case** | HC1 (High Current Series) |
---
### 2. Core Features
* **High Current Density:** Designed to handle significant amperage without reaching magnetic saturation quickly.
* **Low DCR:** The extremely low DC resistance minimizes power loss due to heat, enhancing the overall efficiency of the power supply.
* **Magnetic Shielding:** The construction reduces Electromagnetic Interference (EMI), which is critical in densely packed circuit boards.
* **Material:** Typically uses a powder iron core material that offers stable performance across a wide temperature range.
---
### 3. Applications and Usage
This component is primarily found in high-performance computing and industrial electronics.
* **Multi-phase Regulators:** Used in CPU/GPU power delivery modules.
* **DC-DC Converters:** Buck, Boost, and Buck-Boost topologies.
* **Filters:** Used for output smoothing and noise reduction in switching power supplies.
* **Voltage Regulator Modules (VRM):** Essential for modern motherboards and servers.
---
### 4. Footprint and Dimensions
The "HC1" designation refers to the physical size of the inductor. While you should always consult the official datasheet for PCB layout, the general dimensions are:
* **Length:** ~13.5 mm
* **Width:** ~13.0 mm
* **Height:** ~5.5 mm
---
### 5. Part Number Breakdown
* **HC1:** High Current Series, Size 1.
* **3R6:** Inductance value (3.6 microhenries).
* **-R:** RoHS compliant (Lead-free).
- ⤷
What are the recommended soldering profiles for the HC1-3R6-R?
- ⤷ How does the saturation current of this inductor change at elevated temperatures?
- ⤷ Are there alternative parts from other manufacturers with similar footprints?