Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HC20-R

  • AI
    The **HC20-R** is a high-payload collaborative robot (cobot) manufactured by Yaskawa Motoman. Unlike standard industrial robots, its electronic architecture is designed to handle sophisticated force sensing and safety protocols while maintaining high power output. --- ### Core Electronic Components The electronic system of the HC20-R can be categorized into three main segments: the Internal Sensors, the Drive System, and the Controller (YRC1000). | Component Category | Key Part | Function | | :--- | :--- | :--- | | **Sensing** | Dual Torque Sensors | Located in each of the 6 joints to detect external forces/collisions. | | **Control** | YRC1000 Controller | The "brain" that processes logic, safety I/O, and motion trajectories. | | **Actuation** | AC Servo Motors | High-torque brushless motors that drive the harmonic gears. | | **Safety** | Functional Safety Unit (FSU) | A dedicated hardware/software layer that monitors speed and position. | | **Connectivity** | Ethernet/IP & Profinet | Communication interfaces for PLC and factory integration. | --- ### Detailed Electronic Breakdown #### 1. Joint Electronics (The "Power-and-Sense" Module) Each joint of the HC20-R contains a sophisticated electronics package: * **Absolute Encoders:** These ensure the robot knows its position immediately upon startup without needing a calibration sequence. * **Torque Sensors:** These are the "nervous system." They measure the mechanical stress on the joint. If the electronics detect a spike in torque (indicating a human collision), the system triggers a Category 0 or Category 1 stop. #### 2. The YRC1000 Controller The HC20-R operates on the **YRC1000** platform. Its electronic highlights include: * **Energy Recovery:** The drive system is designed to regenerate energy during deceleration, improving electrical efficiency. * **I/O Modules:** Typically includes 16 to 40 digital inputs/outputs for controlling end-of-arm tooling (EOAT). * **Smart Pendant:** A touch-screen interface that acts as the primary HMI (Human Machine Interface), running a specialized OS for robot programming. #### 3. Safety Circuitry (PFL - Pressure & Force Limiting) The electronics are designed to meet **ISO 10218-1** standards. This involves: * **Redundant Architectures:** Dual-channel safety signals ensure that if one electronic component fails, the backup can still initiate an emergency stop. * **External Safety I/O:** Terminals for connecting laser scanners or light curtains that electronically throttle the robot's speed when humans enter a specific zone. --- ### Technical Specifications (Electrical) | Specification | Value | | :--- | :--- | | **Input Power** | 3-Phase AC200V to AC240V (+10%, -15%) | | **Frequency** | 50 / 60 Hz | | **Power Consumption** | Approx. 2.0 kVA (Variable based on payload) | | **IP Rating (Electronics)** | IP67 (Dust-tight and water immersion protection) |
    ✨ Follow-up Questions
    • ⤷ How do the torque sensors in the HC20-R differ from standard industrial robots?
    • ⤷ What are the specific wiring requirements for the YRC1000 controller?
    • ⤷ Can the HC20-R electronics be integrated with 3rd-party vision systems?