Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HC9-330-R

  • AI
    The **HC9-330-R** is a high-current, power inductor manufactured by **Eaton (formerly Cooper Bussmann)**. It belongs to the HC9 series, which is designed for high-density, high-current applications where thermal stability and low core loss are critical. --- ## 1. Technical Specifications The part number follows a specific nomenclature. Here is the breakdown of the technical parameters for the **HC9-330-R**: | Parameter | Value / Description | | :--- | :--- | | **Inductance** | 33.0 µH (Microhenries) | | **Tolerance** | ±20% | | **Rated Current (Irms)** | ~2.6 A (Amperes) | | **Saturation Current (Isat)** | ~3.5 A (Amperes) | | **DC Resistance (DCR)** | ~0.108 Ω (Typical) | | **Operating Temperature** | -40°C to +125°C | | **Mounting Type** | Surface Mount (SMD) | | **Material** | Iron Powder Core (Low EMI) | --- ## 2. Key Features * **High Current Handling:** Designed to handle significant current spikes without immediate saturation. * **Magnetically Shielded:** The construction reduces Electromagnetic Interference (EMI), making it suitable for noise-sensitive circuits. * **Low Core Loss:** Uses powdered iron core material which is efficient at high frequencies. * **RoHS Compliant:** The "-R" suffix indicates that the part is lead-free and meets environmental standards. --- ## 3. Physical Dimensions The HC9 series is known for its rugged, square-shaped SMT footprint. | Dimension | Measurement (approx.) | | :--- | :--- | | **Length** | 13.0 mm | | **Width** | 13.0 mm | | **Height** | 8.0 mm | --- ## 4. Common Applications The HC9-330-R is typically found in power management circuits: 1. **DC-DC Converters:** Used as the energy storage element in Buck, Boost, or Buck-Boost regulators. 2. **Voltage Regulator Modules (VRM):** Found on motherboards and server power supplies. 3. **Industrial Electronics:** Used in distributed power systems and battery-powered equipment. 4. **Filtering:** Utilized in input/output filters to smooth out ripple current. --- ## 5. Identifying the Part Number If you are looking at the datasheet, the code is structured as follows: * **HC9:** Series Name (High Current, Size 9). * **330:** Inductance Code ($33 \times 10^0 = 33 \mu H$). * **-R:** RoHS Compliant.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the HC9 and the HC8 inductor series?
    • ⤷ How does saturation current affect the choice of this inductor in a buck converter?
    • ⤷ Are there recommended alternatives for the HC9-330-R in space-constrained designs?