Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HCE-52-R/Q

  • AI
    The **HCE-52-R/Q** is a high-performance ceramic gas discharge tube (GDT) primarily used for surge protection and high-voltage switching applications. These components are designed to protect sensitive electronic equipment from transient overvoltages caused by lightning or inductive switching. --- ### 1. Component Specifications The "R/Q" suffix usually denotes specific packaging or terminal configurations (such as leaded vs. surface mount or specific voltage tolerances). | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Gas Discharge Tube (GDT) | | **DC Spark-over Voltage** | Usually 5200V (5.2kV) $\pm$ 20% | | **Insulation Resistance** | $> 10^{10} \Omega$ | | **Capacitance** | Low (< 1.5 pF) | | **Impulse Discharge Current** | High (Typically 5kA - 10kA depending on waveform) | | **Operating Temperature** | -40°C to +90°C | --- ### 2. Electronic Functionality The HCE-52-R/Q operates as a voltage-dependent switch: 1. **Off-State:** Under normal operating voltages, the gas inside the ceramic tube remains non-conductive. The part acts as an open circuit with extremely high insulation resistance. 2. **Transition (Spark-over):** When a voltage spike exceeds the 5.2kV threshold, the gas ionizes. 3. **On-State (Arc Mode):** Once ionized, the tube becomes a low-impedance path (an arc), shunting the surge current to the ground and protecting the downstream circuitry. 4. **Recovery:** Once the surge passes and the voltage drops below the "glow voltage," the gas de-ionizes, and the device returns to its high-impedance state. --- ### 3. Key Features * **High Voltage Rating:** Specifically designed for high-tension environments (5.2kV). * **Low Capacitance:** Because the capacitance is minimal, it does not distort high-frequency signals, making it suitable for RF or high-speed data protection. * **Rugged Construction:** Encased in ceramic to withstand high thermal stress during discharge events. --- ### 4. Typical Applications * **Power Supplies:** Protection for high-voltage industrial power units. * **Medical Equipment:** Surge protection in X-ray or MRI power systems. * **Telecommunications:** Protecting outdoor lines from lightning strikes. * **Ignition Systems:** Used in some specialized trigger circuits for high-intensity discharge lamps or industrial igniters. --- ### 5. Circuit Symbol Representation In a schematic, the GDT is represented by a circle with two opposing electrodes: ```text / \ ----| O |---- \ / ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and Q versions of this GDT?
    • ⤷ How does a GDT compare to a TVS diode for high-voltage protection?
    • ⤷ What are the mounting requirements for the HCE-52-R/Q on a PCB?