Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HCM0703-R15-R

  • AI
    ## Technical Overview: HCM0703-R15-R The **HCM0703-R15-R** is a high-current, shielded power inductor designed by Eaton (formerly Bussmann). It belongs to the HCM family, which is specifically engineered to handle high transient current spikes and provide low electromagnetic interference (EMI). --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.15 µH | | **Tolerance** | ±20% | | **Rated Current (Irms)** | 26.0 Amperes | | **Saturation Current (Isat)** | 52.0 Amperes | | **DC Resistance (DCR)** | 1.1 mΩ (typical) / 1.3 mΩ (max) | | **Operating Temperature** | -55°C to +125°C | | **Package Size** | 7.4mm x 7.0mm x 3.0mm | --- ### 2. Physical Construction and Features * **Molded Iron Powder Core:** The inductor uses a pressed iron powder construction. This provides a "soft" saturation characteristic, meaning the inductance decreases gradually as current increases rather than dropping off sharply. * **Magnetic Shielding:** The molded design inherently shields the component, reducing EMI and cross-talk with neighboring components on the PCB. * **Surface Mount (SMD):** Designed for automated pick-and-place assembly. * **Low DCR:** The very low direct current resistance (1.1 mΩ) ensures high efficiency and minimal heat generation during operation. --- ### 3. Common Applications Due to its high current handling and small footprint, this part is commonly used in: * **Voltage Regulator Modules (VRM):** Powering CPUs and GPUs. * **DC-DC Converters:** Multi-phase buck converters. * **Battery Powered Systems:** Where high efficiency is critical for battery life. * **Automotive/Industrial:** Used in distributed power systems and high-current POL (Point of Load) converters. --- ### 4. Part Number Breakdown `HCM` `0703` `-` `R15` `-` `R` * **HCM:** Series name (High Current Inductor). * **0703:** Dimensions (Approx. 7mm x 7mm x 3mm). * **R15:** Inductance value (R15 = 0.15 µH). * **R:** RoHS compliant suffix.
    ✨ Follow-up Questions
    • ⤷What is the difference between Irms and Isat for this inductor?
    • ⤷ Can you suggest an alternative part with a higher inductance in the same package size?
    • ⤷ How does the 'soft saturation' of the iron powder core benefit power supply stability?